Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320GP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62320GP
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320GP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62320GP Datasheet HTML 1Page - Renesas Technology Corp M62320GP Datasheet HTML 2Page - Renesas Technology Corp M62320GP Datasheet HTML 3Page - Renesas Technology Corp M62320GP Datasheet HTML 4Page - Renesas Technology Corp M62320GP Datasheet HTML 5Page - Renesas Technology Corp M62320GP Datasheet HTML 6Page - Renesas Technology Corp M62320GP Datasheet HTML 7Page - Renesas Technology Corp M62320GP Datasheet HTML 8Page - Renesas Technology Corp M62320GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M62320GP
REJ03D0909-0100 Rev.1.00 Mar 25, 2008
Page 3 of 10
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
Vl
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current "Low"
IOH
–5 to 0
mA
D0 to D7
Output current "High"
IOL
0 to 30
mA
D0 to D7
Power dissipation
Pd
761
mW
Ta = 25
°C
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Conditions
• Supply voltage:
VDD = 3V to 5.5 V
• Input high voltage:
VIH = 0.7 VDD to VDD
• Input low voltage:
VIL = 0 to 0.2 VDD
Electrical Characteristics
(VDD = 5 V ± 10%, GND = 0 V, Ta = –20 to +85°C, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
0.05
0.5
mA
VIH = VDD, VIL = GND,
fSCL = 400 kHz
Circuit current
IDD
0.1
1.0
μA
VIH = VDD, VIL = GND,
fSCL = stop
Input leak current
IILK
–10
10
μA
Output low voltage (SDA)
VOL
0.4
V
Isink = 3 mA
Input high voltage
VIH
0.7 VDD
VDD
V
Input low voltage
VIL
0.2 VDD
V
VDD – 0.4
VDD
IOH = –1 mA, VDD = 5 V
Output high voltage
(D0 to D7)
VOH
VDD – 0.4
VDD
V
IOH = –500 μA, VDD = 3 V
0
0.4
IOL = 5 mA, VDD = 5 V
Output low voltage
(D0 to D7)
VOL
0
0.4
V
IOL = 2.5 mA, VDD = 3 V
5
10
VOL = 0.4 V, VDD = 5 V
2.5
5
VOL = 0.4 V, VDD = 3 V
15
25
VOL = 1.0 V, VDD = 5 V
Output current "Low"
(D0 to D7)
IOL
5
10
mA
VOL = 1.0 V, VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com