Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62320GP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M62320GP
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320GP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M62320GP Datasheet HTML 3Page - Renesas Technology Corp M62320GP Datasheet HTML 4Page - Renesas Technology Corp M62320GP Datasheet HTML 5Page - Renesas Technology Corp M62320GP Datasheet HTML 6Page - Renesas Technology Corp M62320GP Datasheet HTML 7Page - Renesas Technology Corp M62320GP Datasheet HTML 8Page - Renesas Technology Corp M62320GP Datasheet HTML 9Page - Renesas Technology Corp M62320GP Datasheet HTML 10Page - Renesas Technology Corp M62320GP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
M62320GP
REJ03D0909-0100 Rev.1.00 Mar 25, 2008
Page 10 of 10
Package Dimensions
18
9
16
F
*2
*3
Index mark
y
D
bp
e
c
Detail F
A2
A1
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
0.8
0.5
Previous Code
JEITA Package Code
RENESAS Code
PRSP0016JA-A
16P2Z-A
MASS[Typ.]
0.08g
P-SSOP16-4.4x5-0.65
0.2
0.15
0.13
0.32
0.22
0.17
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.2
5.0
4.8
D
4.6
4.4
4.2
E
1.5
A2
6.5
6.2
5.9
1.9
A
0.05
0.6
0.4
0.2
L
10°
c
0.65
e
0.10
y
HE
A1
bp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com