Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62371GP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62371GP
Description  3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62371GP Datasheet(HTML) 8 Page - Renesas Technology Corp

  M62371GP Datasheet HTML 1Page - Renesas Technology Corp M62371GP Datasheet HTML 2Page - Renesas Technology Corp M62371GP Datasheet HTML 3Page - Renesas Technology Corp M62371GP Datasheet HTML 4Page - Renesas Technology Corp M62371GP Datasheet HTML 5Page - Renesas Technology Corp M62371GP Datasheet HTML 6Page - Renesas Technology Corp M62371GP Datasheet HTML 7Page - Renesas Technology Corp M62371GP Datasheet HTML 8Page - Renesas Technology Corp M62371GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M62371GP
REJ03D0880-0201 Rev.2.01 Dec 27, 2007
Page 8 of 8
Package Dimensions
LQFP48-P-77-0.50
0.18
—
—
—
——
——
—
—
——
——
——
——
——
—
—
—
——
JEDEC Code
48P6D-A
Plastic 48pin 7 × 7mm body LQFP
0.1
0.2
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
I2
1.0
MD
7.4
ME
7.4
10°
0°
0.1
1.0
0.7
0.5
0.3
9.2
9.0
8.8
9.2
9.0
8.8
0.5
7.1
7.0
6.9
7.1
7.0
6.9
0.175
0.125
0.105
0.28
0.18
0.13
1.4
0
1.7
e
e
1
48
37
24
25
36
12
13
HD
D
MD
A
F
y
I2
L1
L
Detail F
Lp
Lp
0.45
0.6
0.25
0.75
0.08
x
A3
b
x
M
EIAJ Package Code
Lead Material
Alloy 42
Weight(g)
Recommended Mount Pad



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com