Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62371GP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62371GP
Description  3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62371GP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62371GP Datasheet HTML 1Page - Renesas Technology Corp M62371GP Datasheet HTML 2Page - Renesas Technology Corp M62371GP Datasheet HTML 3Page - Renesas Technology Corp M62371GP Datasheet HTML 4Page - Renesas Technology Corp M62371GP Datasheet HTML 5Page - Renesas Technology Corp M62371GP Datasheet HTML 6Page - Renesas Technology Corp M62371GP Datasheet HTML 7Page - Renesas Technology Corp M62371GP Datasheet HTML 8Page - Renesas Technology Corp M62371GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M62371GP
REJ03D0880-0201 Rev.2.01 Dec 27, 2007
Page 2 of 8
Pin Arrangement
M62371GP
36
35
34
33
32
31
30
29
AO35
AO34
AO33
AO32
VSS2
VDD2
C1
AO31
VCC
AO30
28
27
26
AO29
AO28
25
1
2
3
4
5
6
7
8
DI
CLK
LD
Do
GND
C0
VSS1
AO12
VDD1
AO13
9
10
11
AO14
AO15 12
(Top view)
Outline: 48P6D-A
Pin Description
Pin No.
Pin Name
Function
1
DI
Serial data input terminal to input 16-bit long serial data
4
DO
Terminal to output MSB data of 16-bit shift register
2
CLK
Shift clock input terminal. Input signal at DI pin is input to 16-bit shift register at rise of shift
clock pulse
3
LD
When H-level signal is input to this terminal, the value stored in 16-bit shift register is
loaded in decoder and D/A converter output register.
38 to 48
AO1 to AO11
9 to 28
AO12 to AO31
33 to 37
AO32 to AO36
8-bit D/A converter output terminal
29
VCC
Power supply terminal
5
GND
GND terminal
6
C0
Data select signal input terminal 1 for channel No.31 through 36
30
C1
Data select signal input terminal 2 for channel No.31 through 36
8
VDD1
Upper reference voltage input terminal and power supply to operational amplifier for
channel No.1 through 24
7
VSS1
Lower reference voltage input terminal for channel No.1 through 24
31
VDD2
Upper reference voltage input terminal and power supply to operational amplifier for
channel No.25 through 36
32
VSS2
Lower reference voltage input terminal for channel No.25 through 36



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com