Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62371GP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62371GP
Description  3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62371GP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62371GP Datasheet HTML 1Page - Renesas Technology Corp M62371GP Datasheet HTML 2Page - Renesas Technology Corp M62371GP Datasheet HTML 3Page - Renesas Technology Corp M62371GP Datasheet HTML 4Page - Renesas Technology Corp M62371GP Datasheet HTML 5Page - Renesas Technology Corp M62371GP Datasheet HTML 6Page - Renesas Technology Corp M62371GP Datasheet HTML 7Page - Renesas Technology Corp M62371GP Datasheet HTML 8Page - Renesas Technology Corp M62371GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M62371GP
REJ03D0880-0201 Rev.2.01 Dec 27, 2007
Page 3 of 8
Block Diagram for Explanation of Terminals
VSS2
VDD2
AO31
AO36
AO1
AO30
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLK
VCC
DI
1 2 3 4
36
31
30
1
(8)
........
........
..........
..........
..........
.............
.............
.............
.............
..........
.......................................
2
1
VDD1
VSS1
8
7
29
GND
5
Do
4
LD
3
C0
6
C1
30
(4)
(4)
(4)
38
27
28
37
31
32
8-bit
D/A converter
8-bit
D/A converter
8-bit
latch
8-bit
latch
16-bit shift register
Address decoder
8-bit latch
×4
selector
8-bit latch
×4
selector
Data
control
8-bit
D/A converter
8-bit
D/A converter
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted.)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.3 to +7.0
V
Output voltage
VO
–0.3 to VCC + 0.3
V
Power dissipation
Pd
400
mW
Thermal derating
K
θ
4
mW/
°C
Ta
≤ 25°C
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com