Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62371GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62371GP
Description  3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62371GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62371GP Datasheet HTML 1Page - Renesas Technology Corp M62371GP Datasheet HTML 2Page - Renesas Technology Corp M62371GP Datasheet HTML 3Page - Renesas Technology Corp M62371GP Datasheet HTML 4Page - Renesas Technology Corp M62371GP Datasheet HTML 5Page - Renesas Technology Corp M62371GP Datasheet HTML 6Page - Renesas Technology Corp M62371GP Datasheet HTML 7Page - Renesas Technology Corp M62371GP Datasheet HTML 8Page - Renesas Technology Corp M62371GP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REJ03D0880-0201 Rev.2.01 Dec 27, 2007
Page 1 of 8
M62371GP
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter
with Buffer Amplifiers
REJ03D0880-0201
Rev.2.01
Dec 27, 2007
Description
The M62371GP is a CMOS semiconductor IC, containing 36 channels of 8-bit D/A converters. It is operable with a
low supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD)
connection with microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in
combination with a microcomputer.
(M62371GP is an advanced product of M62370GP on its buffer amp. drivability.)
Features
• Operable with a low voltage between 2.7 to 3.6 V
• 16-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 36 channels built-in of 8-bit D/A converter
• 6 channels of D/A converters capable of selecting and outputting 4 data stored in each converter, through 2 control
terminals
Application
Digital/analog conversion in industrial or home-use electronic equipment.
Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).
Block Diagram
16-bit shift register
Decoder
Data
control
8-bit
latch
8-bit
latch
× 4
D/A
D/A
8-bit
latch
× 4
D/A
8-bit
latch
× 4
D/A
D15 D14 D13 D12 D11 D10 D9 D8
D5 D4 D3 D2 D1 D0
29
5
4
3
6
30
32
31
37
36
21
38
2
1
8
7
8
.............
.............
.............
.............
.............
.............
.............
.............
CLK
GND
LD
C0
C1
DI
VDD1
VSS1
AO1
AO24
AO35
AO36
VDD2 VSS2
VCC
DO


Similar Part No. - M62371GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62371GP MITSUBISHI-M62371GP Datasheet
166Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS?
More results

Similar Description - M62371GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62370GP MITSUBISHI-M62370GP Datasheet
72Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS
M62371GP MITSUBISHI-M62371GP Datasheet
166Kb / 5P
3V TYPE 8-BIT 36CH SELECTOR SW BUILT-IN D-A CONVERTER WITH BUFFER AMPLIFIERS?
logo
Renesas Technology Corp
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
8-bit 6ch D/A Converter with Buffer Amplifiers
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
M62367GP RENESAS-M62367GP Datasheet
121Kb / 8P
3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
M62370GP RENESAS-M62370GP Datasheet
133Kb / 9P
3 V Type 8-bit 36ch Selector SW Built-in D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com