Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH102
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH102 Datasheet HTML 1Page - STMicroelectronics STTH102 Datasheet HTML 2Page - STMicroelectronics STTH102 Datasheet HTML 3Page - STMicroelectronics STTH102 Datasheet HTML 4Page - STMicroelectronics STTH102 Datasheet HTML 5Page - STMicroelectronics STTH102 Datasheet HTML 6Page - STMicroelectronics STTH102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2006
Rev 5
1/7
7
STTH102
High efficiency ultrafast diode
Main product characteristics
Features and benefits
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ High junction temperature
Description
The STTH102, which is using ST’s new 200 V
planar technology, is specially suited for switching
mode base drive and transistor circuits. The
device is also intended for use as a free wheeling
diode in power supplies and other power
switching applications.
Order codes
IF(AV)
1 A
VRRM
200 V
Tj (max)
175° C
VF(max)
0.78 V
trr (max)
20 ns
Part Number
Marking
STTH102A
U12
STTH102
STTH102
STTH102RL
STTH102
K
A
K
A
SMA
(JEDEC DO-214AC)
STTH102A
DO-41
STTH102
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(AV)
Average forward current
SMA
TL = 148° C δ = 0.5
1A
DO-41
TL = 130° C δ = 0.5
IFSM
Surge non repetitive forward
current
SMA
tp = 10 ms Sinusoidal
40
A
DO-41
50
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
www.st.com


Similar Part No. - STTH102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102-Y STMICROELECTRONICS-STTH102-Y Datasheet
101Kb / 7P
Automotive high efficiency ultrafast diode
07-Nov-2011
More results

Similar Description - STTH102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com