Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH102
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH102 Datasheet HTML 1Page - STMicroelectronics STTH102 Datasheet HTML 2Page - STMicroelectronics STTH102 Datasheet HTML 3Page - STMicroelectronics STTH102 Datasheet HTML 4Page - STMicroelectronics STTH102 Datasheet HTML 5Page - STMicroelectronics STTH102 Datasheet HTML 6Page - STMicroelectronics STTH102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH102
Characteristics
3/7
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5) (SMA)
Figure 4.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-41)
I
(A)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
R
=120°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
T
δ=tp/T
tp
T
(°C)
amb
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
175
I
(A)
F(AV)
R
=110°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
T
δ=tp/T
tp
T
(°C)
amb
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (epoxy
printed circuit board, e(Cu) = 35 µm,
recommended pad layout) (SMA)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DO-41)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
Figure 7.
Forward voltage drop versus
forward current
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I
(A)
FM
V
(V)
FM
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com