Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH102
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH102 Datasheet HTML 1Page - STMicroelectronics STTH102 Datasheet HTML 2Page - STMicroelectronics STTH102 Datasheet HTML 3Page - STMicroelectronics STTH102 Datasheet HTML 4Page - STMicroelectronics STTH102 Datasheet HTML 5Page - STMicroelectronics STTH102 Datasheet HTML 6Page - STMicroelectronics STTH102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH102
2/7
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.65 x IF(AV) + 0.130 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
Lead length = 10 mm
DO-41
50
Table 3.
Static Electrical Characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
1
µA
Tj = 125° C
1
25
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 700 mA
(SMA)
0.90
V
IF = 1 A
0.97
Tj = 125° C
IF = 1 A
0.68
0.78
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Table 4.
Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
Tj = 25° C
IF = 0.5 A Irr = 0.25 A
IR = 1 A
12
20
ns
tfr
Forward recovery time
Tj = 25° C
IF = 1 A dIF/dt = 50 A/ms
VFR = 1.1 x VFmax
50
ns
VFP
Forward recovery voltage
Tj = 25° C
IF = 1 A dIF/dt = 50 A/ms
1.8
V
Figure 1.
Average forward power dissipation
versus average forward current
(SMA)
Figure 2.
Average forward power dissipation
versus average forward current
(DO-41)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05 δ = 0.1
δ = 0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.00
0.25
0.50
0.75
1.00
1.25
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05 δ
= 0.1
δ = 0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com