Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH102
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH102 Datasheet HTML 1Page - STMicroelectronics STTH102 Datasheet HTML 2Page - STMicroelectronics STTH102 Datasheet HTML 3Page - STMicroelectronics STTH102 Datasheet HTML 4Page - STMicroelectronics STTH102 Datasheet HTML 5Page - STMicroelectronics STTH102 Datasheet HTML 6Page - STMicroelectronics STTH102 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STTH102
4/7
Figure 9.
Reverse recovery time versus dIF/dt
(90% confidence)
Figure 10.
Peak recovery current versus dIF/dt
(90% confidence)
0
10
20
30
40
50
60
70
1
10
100
1000
t (ns)
rr
dI /dt(A/µs)
F
I =1A
F
V =100V
T =125°C
R
j
T =125°C
j
T =25°C
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
I
(A)
RM
dI /dt(A/µs)
F
I =1A
F
V =100V
T =125°C
R
j
T =125°C
j
T =25°C
j
Figure 11.
Reverse recovery charges versus
dIF/dt (90% confidence)
Figure 12.
Relative variations of dynamic
parameters versus junction
temperature
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
1
10
100
1000
Q (nC)
rr
dI /dt(A/µs)
F
I =1A
F
V =100V
R
T =125°C
j
T =25°C
j
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
175
I; t ; Q
[T ] /
RM
rr
rr
j
I
; t ; Q
[T =25°C]
RM
rr
rr
j
T (°C)
j
IRM
trr
QRR
I=I
dI /dt=200A/µs
F
F(AV)
F
V =100V
R
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under each lead (Epoxy printed
circuit board FR4, copper
thickness: 35 µm) (SMA)
Figure 14.
Thermal resistance versus
lead length (DO-41)
0
10
20
30
40
50
60
70
80
90
100
110
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(cm²)
0
10
20
30
40
50
60
70
80
90
100
110
120
5
10
152025
R (°C/W)
th
L
(mm)
leads
Rth(j-I)
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com