Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334FS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 2Page - Renesas Technology Corp HD404334FS Datasheet HTML 3Page - Renesas Technology Corp HD404334FS Datasheet HTML 4Page - Renesas Technology Corp HD404334FS Datasheet HTML 5Page - Renesas Technology Corp HD404334FS Datasheet HTML 6Page - Renesas Technology Corp HD404334FS Datasheet HTML 7Page - Renesas Technology Corp HD404334FS Datasheet HTML 8Page - Renesas Technology Corp HD404334FS Datasheet HTML 9Page - Renesas Technology Corp HD404334FS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
HD404339 Series
4
Pin Description
Pin Number
Item
Symbol
DP-64S
FP-64B
I/O
Function
Power supply
V
CC
33
27
Applies power voltage
GND
16
10
Connected to ground
V
disp
(shared
with RA
1)
64
58
Used as a high-voltage output power supply pin
when selected by the mask option
Test
TEST
12
6
I
Cannot be used in user applications. Connect
this pin to GND.
Reset
RESET
13
7
I
Resets the MCU
Oscillator
OSC
1
14
8
I
Input/output pin for the internal oscillator.
Connect these pins to the ceramic or crystal
oscillator, or OSC
1 to an external oscillator
circuit.
OSC
2
15
9
O
X1
17
11
I
Used with a 32.768-kHz crystal oscillator for
clock purposes
X2
18
12
O
Port
D
0–D 13
34–47
28–41
I/O
Input/output pins addressed individually by bits;
D
0–D 13 are all high-voltage I/O pins.
Each pin
can be individually configured as selected by
the mask option.
RA
1
64
58
I
One-bit high-voltage input port pin
R0
0–R0 3,
R3
0–R7 2
1–11,
20–31
1–5,
14–25,
59–64
I/O
Four-bit input/output pins consisting of standard
voltage pins
R1
0–R2 3,
R8
0–R9 3
48–63
42–57
I/O
Four-bit input/output pins consisting of high
voltage pins
Interrupt
INT
0, INT1 34, 35
28, 29
I
Input pins for external interrupts
Stop clear
STOPC
38
32
I
Input pin for transition from stop mode to active
mode
Serial interface
SCK
8
2
I/O
Serial interface clock input/output pin
SI
9
3
I
Serial interface receive data input pin
SO
10
4
O
Serial interface transmit data output pin
Timer
TOC
11
5
O
Timer output pin
EVNB
36
30
I
Event count input pin
Alarm
BUZZ
37
31
O
Square waveform output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com