Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334FS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 13Page - Renesas Technology Corp HD404334FS Datasheet HTML 14Page - Renesas Technology Corp HD404334FS Datasheet HTML 15Page - Renesas Technology Corp HD404334FS Datasheet HTML 16Page - Renesas Technology Corp HD404334FS Datasheet HTML 17Page - Renesas Technology Corp HD404334FS Datasheet HTML 18Page - Renesas Technology Corp HD404334FS Datasheet HTML 19Page - Renesas Technology Corp HD404334FS Datasheet HTML 20Page - Renesas Technology Corp HD404334FS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
HD404339 Series
15
ROM Addressing Modes
Direct Addressing Mode: A program can branch to any address in ROM memory space by executing the
JMPL, BRL, or CALL instruction.
Current Page Addressing Mode: A program can branch to any address in the current page (256 words
per page) by executing the BR instruction.
Zero-Page Addressing Mode:
A program can branch to any subroutine located in the zero-page
subroutine area ($0000–$003F) by executing the CAL instruction.
Table Data Addressing Mode: A program can branch to an address determined by the contents of 4-bit
immediate data, the accumulator, and the B register by executing the TBR instruction.
0
0
Direct Addressing
2nd
instruction word
Program counter
Current Page Addressing
97
0
9
Program counter
1st
instruction word
50
Zero-Page Addressing
00
Operand
0
9
Table Data Addressing
7
13
0
9
Operand
Opcode
3
0
13
Operand
******
Opcode
Program counter
0
13
3
Operand
Opcode
BA
0
9
Opcode
00000000
Program counter
0
13
Figure 8 ROM Addressing Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com