Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334FS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 10Page - Renesas Technology Corp HD404334FS Datasheet HTML 11Page - Renesas Technology Corp HD404334FS Datasheet HTML 12Page - Renesas Technology Corp HD404334FS Datasheet HTML 13Page - Renesas Technology Corp HD404334FS Datasheet HTML 14Page - Renesas Technology Corp HD404334FS Datasheet HTML 15Page - Renesas Technology Corp HD404334FS Datasheet HTML 16Page - Renesas Technology Corp HD404334FS Datasheet HTML 17Page - Renesas Technology Corp HD404334FS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
HD404339 Series
12
IE
IM
LSON
IAOF
IF
ICSF
ICEF
RAME
RSP
WDON
ADSF
DTON
Not used
SEM/SEMD
Not executed
Allowed
Allowed
REM/REMD
TM/TMD
Allowed
Allowed
Allowed
Not executed
Allowed
Allowed
Not executed in active mode
Used in subactive mode
Not executed
Allowed
Not executed
Inhibited
Allowed
Not executed
Inhibited
Inhibited
Allowed
Allowed
Inhibited
Note: WDON is reset by MCU reset or by STOPC enable for stop mode cancellation.
The REM or REMD instruction must not be executed for ADSF during A/D conversion.
DTON is always reset in active mode. If the TM or TMD instruction is executed for
the inhibited bits or non-existing bits, the value in ST becomes invalid.
Figure 4 Usage Limitations of RAM Bit Manipulation Instructions
Memory registers
$040
$041
$042
$043
$044
$045
$046
$047
$048
$049
$04A
$04B
$04C
$04D
$04E
$04F
$3C0
$3FF
MR(0)
MR(1)
MR(2)
MR(3)
MR(4)
MR(5)
MR(6)
MR(7)
MR(8)
MR(9)
Level 16
Level 15
Level 14
Level 13
Level 12
Level 11
Level 10
Level 9
Level 8
Level 7
Level 6
Level 5
Level 4
Level 3
Level 2
Level 1
MR(10)
MR(11)
MR(12)
MR(13)
MR(14)
MR(15)
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
PC
ST
PC
CA
PC
10
3
13
9
6
2
12
8
5
1
11
7
4
0
Bit 3
Bit 2
Bit 1
Bit 0
PC –PC :
ST: Status flag
CA: Carry flag
Program counter
13
Stack area
0
$3FC
$3FD
$3FE
$3FF
Figure 5 Configuration of Memory Registers and Stack Area, and Stack Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com