Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404334FS Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD404334FS Datasheet HTML 26Page - Renesas Technology Corp HD404334FS Datasheet HTML 27Page - Renesas Technology Corp HD404334FS Datasheet HTML 28Page - Renesas Technology Corp HD404334FS Datasheet HTML 29Page - Renesas Technology Corp HD404334FS Datasheet HTML 30Page - Renesas Technology Corp HD404334FS Datasheet HTML 31Page - Renesas Technology Corp HD404334FS Datasheet HTML 32Page - Renesas Technology Corp HD404334FS Datasheet HTML 33Page - Renesas Technology Corp HD404334FS Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
HD404339 Series
28
Table 4
Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
Ceramic oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
GND
Ceramic oscillator: CSA4.00MG
(Murata)
R
f = 1 MΩ ±20%
C
1 = C2 = 30 pF ±20%
Crystal oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Crystal
GND
L
S
C
RS
C0
OSC1
OSC2
R
f = 1 MΩ ±20%
C
1 = C2 = 10 to 22 pF ±20%
Crystal: Equivalent to circuit shown below
C
0 = 7 pF max.
R
S = 100 Ω max.
Crystal oscillator
(X1, X2)
X1
C1
2
C
X2
Crystal
GND
L
S
C
RS
C0
X1
X2
Crystal: 32.768 kHz: MX38T (Nippon
Denpa)
C
1 = C2 = 20 pF ±20%
R
S = 14 kΩ
C
0 = 1.5 pF
Notes: 1. Since the circuit constants change depending on the crystal or ceramic oscillator and stray
capacitance of the board, the user should consult with the crystal or ceramic oscillator
manufacturer to determine the circuit parameters.
2. Wiring among OSC
1, OSC 2, X1, X2 and elements should be as short as possible, and must not
cross other wiring (see figure 19).
3. When a 32.768-kHz crystal oscillator is not used, fix pin X1 to GND and leave pin X2 open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com