Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404612FS Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 41Page - Renesas Technology Corp HD404612FS Datasheet HTML 42Page - Renesas Technology Corp HD404612FS Datasheet HTML 43Page - Renesas Technology Corp HD404612FS Datasheet HTML 44Page - Renesas Technology Corp HD404612FS Datasheet HTML 45Page - Renesas Technology Corp HD404612FS Datasheet HTML 46Page - Renesas Technology Corp HD404612FS Datasheet HTML 47Page - Renesas Technology Corp HD404612FS Datasheet HTML 48Page - Renesas Technology Corp HD404612FS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
HD404618 Series
43
Timers
The MCU has two prescalers (S and W) and three timer/counters (A, B, and C). Figures 26, 27 and 28
show their diagrams.
Prescaler S: Eleven-bit counter that inputs the system clock signal. After being initialized to $000 by
MCU reset, prescaler S divides the system clock. Prescaler S keeps counting, except at MCU reset and in
the stop and watch modes. Of the prescaler S outputs, timer A input clock, timer B input clock, timer C
input clock, and serial interface transmit clock are selected by timer mode register A (TMA), timer mode
register B (TMB), timer mode register C (TMC), and the serial mode register (SMR), respectively.
Prescaler W: Five-bit counter that inputs the X1 input clock signal divided by eight. Prescaler W output
can be selected as a timer A input clock by timer mode register A (TMA).
Timer A: Eight-bit timer that can be used as a clock time-base (figure 26). It is initialized to $00 and
incremented at each clock input. If an input clock is applied to timer A after it has reached $FF, an
overflow that sets the timer A interrupt request flag (IFTA: $001, bit 2) is generated, and timer A restarts
from $00.
Timer A is used to generate regular interrupts (every 256 clocks) for measuring times between events. It
can also be used as a clock time-base when bit 3 of timer mode register A (TMA) is set to 1. The timer is
driven by the 32-kHz oscillator clock frequency divided by prescaler W, and the clock input to timer A is
controlled by TMA. In this case, prescaler W and timer A can be initialized to $00 by software.
1/4
1/2
32.768-kHz
oscillator
System
clock
Prescaler W
(PSW)
Selector
Selector
Prescaler S (PSS)
Timer A interrupt
request flag
(IFTA)
Clock
Overflow
Timer
counter A
(TCA)
Timer mode
register A
(TMA)
3
2 fSUB
1/2 tsubcyc
(tsubcyc)
øPER
fSUB
Figure 26 Timer A Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com