Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404612FS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 19Page - Renesas Technology Corp HD404612FS Datasheet HTML 20Page - Renesas Technology Corp HD404612FS Datasheet HTML 21Page - Renesas Technology Corp HD404612FS Datasheet HTML 22Page - Renesas Technology Corp HD404612FS Datasheet HTML 23Page - Renesas Technology Corp HD404612FS Datasheet HTML 24Page - Renesas Technology Corp HD404612FS Datasheet HTML 25Page - Renesas Technology Corp HD404612FS Datasheet HTML 26Page - Renesas Technology Corp HD404612FS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
HD404618 Series
21
Interrupt Enable Flag (IE: $000, Bit 0): Controls the entire interrupt process. It is reset by the interrupt
processing and set by the RTNI instruction, as shown in table 4.
Table 4 Interrupt Enable Flag
IE
Interrupt Enabled/Disabled
0
Disabled
1
Enabled
External Interrupts (
INT
0, INT1): Specified by port mode register A (PMRA: $004).
The
INT
1 input can be used as a clock signal input to timer B.
Timer B increments at each falling edge of
the
INT
1 input.
When using
INT
1 as a timer B external event input, external interrupt mask IM1 must be
set to prevent the
INT
1 interrupt request from being accepted (see table 6).
To detect the edge of
INT
0 or INT1, more than two instruction cycle times are required (2tcyc or 2tsubcyc).
External Interrupt Request Flags (IF0: $000, Bit 2; IF1: $001, Bit 0): Set at the falling edge of the
INT
0 and INT1 inputs as shown in table 5.
Table 5 External Interrupt Request Flags
IF0, IF1
Interrupt Request
0No
1
Yes
External Interrupt Masks (IM0: $000, Bit 3; IM1: $001, Bit 1): Prevent (mask) interrupt requests
caused by the corresponding external interrupt request flags, as shown in table 6.
Table 6 External Interrupt Masks
IM0, IM1
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer A Interrupt Request Flag (IFTA: $001, Bit 2): Set by overflow output from timer A as shown in
table 7.
Table 7 Timer A Interrupt Request Flag
IFTA
Interrupt Request
0No
1
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com