Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404612FS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 4Page - Renesas Technology Corp HD404612FS Datasheet HTML 5Page - Renesas Technology Corp HD404612FS Datasheet HTML 6Page - Renesas Technology Corp HD404612FS Datasheet HTML 7Page - Renesas Technology Corp HD404612FS Datasheet HTML 8Page - Renesas Technology Corp HD404612FS Datasheet HTML 9Page - Renesas Technology Corp HD404612FS Datasheet HTML 10Page - Renesas Technology Corp HD404612FS Datasheet HTML 11Page - Renesas Technology Corp HD404612FS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
HD404618 Series
6
Interrupts
INT
0, INT1: Input external interrupts to the MCU. INT1 is also used as an external event input for timer B.
INT
0 and INT1 are multiplexed with R32 and R33, respectively.
Serial Communications Interface
SCK: Input/output serial clock pin multiplexed with R0
0.
SI: Serial receive data input pin multiplexed with R0
1.
SO: Serial transmit data output pin multiplexed with R0
2.
Timers
TIMO: Outputs a variable-duty square wave. It is multiplexed with R3
1.
LCD Driver/Controller
V
1, V2, V3: Power supply pins for the LCD driver. Internal resistors provide the voltage level for each pin.
The voltage condition is V
CC ≥ V1 ≥ V2 ≥ V3 ≥ GND.
COM1–COM4: Common signal output pins for LCD display.
SEG1–SEG32: Segment signal output pins for LCD display.
DTMF Generator
TONER, TONEC, VT
ref:
DTMF signal pins. TONER and TONEC transmit signals for row and column,
respectively. VT
ref is a reference voltage for DTMF signals. Apply condition VCC ≥ VTref ≥ GND to VTref.
Voltage Comparator
COMP0, COMP1, VC
ref:
COMP0 and COMP1 are analog inputs for the voltage comparator. VC
ref is a
reference voltage pin that inputs the threshold voltage of the analog input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com