Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404612FS Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD404612FS
Description  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404612FS Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD404612FS Datasheet HTML 75Page - Renesas Technology Corp HD404612FS Datasheet HTML 76Page - Renesas Technology Corp HD404612FS Datasheet HTML 77Page - Renesas Technology Corp HD404612FS Datasheet HTML 78Page - Renesas Technology Corp HD404612FS Datasheet HTML 79Page - Renesas Technology Corp HD404612FS Datasheet HTML 80Page - Renesas Technology Corp HD404612FS Datasheet HTML 81Page - Renesas Technology Corp HD404612FS Datasheet HTML 82Page - Renesas Technology Corp HD404612FS Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
HD404618 Series
77
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test
Condition
Notes
Current
dissipation in
subactive
mode
I
SUB
V
CC
50
100
µAV
CC = 3 V
LCD on
35
70
µA6
Current
dissipation in
watch mode
(1)
I
WTC1
V
CC
515
µAV
CC = 3 V
LCD off
Current
dissipation in
watch mode
(2)
I
WTC2
V
CC
15
35
µAV
CC = 3 V
LCD on
Comparator
input
reference
voltage
scope
VC
ref
VC
ref
0—
V
CC – 1.2
V
Notes: 1. Output buffer current is excluded.
2. I
CC is the source current when no I/O current is flowing while the MCU is in reset state.
Test conditions:
MCU: Reset
Pins: RESET,
TEST at V
CC
3. I
SBY is the source current when no I/O current is flowing while the MCU timer is in operation.
Test conditions:
D
12, D13 in digital input mode
DTMF in operation (excludes current flowing from VT
ref to GND)
4. Pins D
12 and D 13 are in analog input mode and I/O current is not flowing.
Test conditions:
VC
ref/D11, COMP0/D12, COMP1/D13 at GND
DTMF stopped
5. Timer is in operation and I/O current is not flowing.
Test conditions:
MCU:
I/O in reset state
Serial interface stopped
D
12, D13 in digital input mode
DTMF stopped
Stanby mode
Pins :
RESET at GND
TEST at V
CC
6. Applies only to HD404612, HD404614, HD404616, and HD404618.
7. RAM data retention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com