Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C84EB Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 41Page - Renesas Technology Corp M38C84EB Datasheet HTML 42Page - Renesas Technology Corp M38C84EB Datasheet HTML 43Page - Renesas Technology Corp M38C84EB Datasheet HTML 44Page - Renesas Technology Corp M38C84EB Datasheet HTML 45Page - Renesas Technology Corp M38C84EB Datasheet HTML 46Page - Renesas Technology Corp M38C84EB Datasheet HTML 47Page - Renesas Technology Corp M38C84EB Datasheet HTML 48Page - Renesas Technology Corp M38C84EB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
44
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Parameter
Power source voltage
Input voltage
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P47
Input voltage
C1, C2
Input voltage
RESET, XIN, XCIN
Input voltage
VLIN
Input voltage
VL1, VL2, VL3, VL4, VL5
Output voltage
P00–P07, P10–P17, P20–P27,
P30–P33, P41–P47
Output voltage
C1, C2, C3
Output voltage
COM0–COM31, SEG0–SEG67
Output voltage
XOUT, XCOUT
Power dissipation
Operating temperature
Storage temperature
Symbol
VCC
VI
VI
VI
VI
VI
VO
VO
VO
VO
Pd
Topr
Tstg
ELECTRICAL CHARACTERISTICS
Table 11 Absolute maximum ratings
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to 7.0
–0.3 to 7.0
–0.3 to VCC+0.3
–0.3 to 7.0
–0.3 to VL5+0.3
–0.3 to VCC+0.3
300
–20 to 85
–40 to 125
Unit
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
All voltages are based on
Vss. Output transistors
are cut off.
When voltage multiplier is
not operated.
VL1
≤VL2≤VL3≤VL4≤VL5
Ta = 25°C
Table 12 Recommended operating conditions (Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Power source
High-speed mode f(XIN)
≤ 8 MHz
voltage
Middle-speed mode f(XIN)
≤ 8 MHz
Middle-speed mode (mask ROM version) f(XIN)
≤ 4 MHz
Middle-speed mode (One Time PROM version) f(XIN)
≤ 4 MHz
Low-speed mode (mask ROM version)
Low-speed mode (One Time PROM version)
Power source voltage
Power source voltage
VLIN
Power source voltage
VL5
Analog input voltage
AIN0–AIN7
“H” input voltage
P00–P07, P10–P17, P45, P47
“H” input voltage
P20–P27, P30–P33, P40–P43, P44, P46
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P00–P07, P10–P17, P45, P47
“L” input voltage
P20–P27, P30–P33, P40–P43, P44, P46
“L” input voltage
RESET
“L” input voltage
XIN
“H” total peak output current
All ports
(Note 1)
“L” total peak output current
All ports
(Note 1)
“H” total average output current All ports
(Note 2)
“L” total average output current All ports
(Note 2)
“H” peak output current
All ports
(Note 3)
“L” peak output current
All ports
(Note 3)
“H” average output current
All ports
(Note 4)
“L” average output current
All ports
(Note 4)
Oscillation resistor at selecting RC oscillation
VCC
VSS
VLIN
VL5
VIA
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
ΣIOH(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
ROSC
Limits
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
k
Ω
Parameter
Min.
4.0
2.7
2.2
2.5
2.2
2.5
VSS
0.7VCC
0.8VCC
0.8VCC
0.8VCC
VSS
VSS
VSS
VSS
5
Typ.
5.0
5.0
5.0
5.0
5.0
5.0
0
8.2
Max.
5.5
5.5
5.5
5.5
5.5
5.5
2.33
7.0
VCC
VCC
VCC
VCC
VCC
0.3VCC
0.2VCC
0.2VCC
0.2VCC
–60.0
60.0
–30.0
30.0
–5.0
10.0
–2.5
5.0
10
Symbol
Unit
Notes 1: The total peak output current is the peak value of the peak currents flowing through all the applicable ports.
2: The total average output current is the average value measured over 100 ms flowing through all the applicable ports.
3: The peak output current is the peak current flowing in each port.
4: The average output current is an average value measured over 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com