Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C84EB Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 45Page - Renesas Technology Corp M38C84EB Datasheet HTML 46Page - Renesas Technology Corp M38C84EB Datasheet HTML 47Page - Renesas Technology Corp M38C84EB Datasheet HTML 48Page - Renesas Technology Corp M38C84EB Datasheet HTML 49Page - Renesas Technology Corp M38C84EB Datasheet HTML 50Page - Renesas Technology Corp M38C84EB Datasheet HTML 51Page - Renesas Technology Corp M38C84EB Datasheet HTML 52Page - Renesas Technology Corp M38C84EB Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
48
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Resolution
Absolute accuracy
(excluding quantization error)
Conversion time
Analog port input current
Unit
Bits
LSB
LSB
µs
µA
Limits
Parameter
Min.
30.5
Typ.
0.5
Max.
10
±4
±6
34
5.0
Symbol
VCC = 2.7–5.5 V
VCC = 2.5–2.7 V (Ta = –10 to 50 °C)
f(XIN) = 4 MHz (Note)
Test conditions
—
—
tconv
IIA
Table 17 A-D converter characteristics
(Vcc = 2.2 to 5.5 V, Vss = 0 V, Ta = –20 to 85°C, f(XIN)
≤ 4 MHz, in middle-speed/high-speed mode)
Note: When main clock is selected as system clock.
tw(RESET)
tc(XIN)
twH(XIN)
twL(XIN)
tc(CNTR)
twH(CNTR)
twL(CNTR)
twH(INT)
twL(INT)
tc(SCLK)
twH(SCLK)
twL(SCLK)
tsu(RxD-SCLK)
th(SCLK-RxD)
Reset input “L” pulse width
Main clock input cycle time (XIN input)
Main clock input “H” pulse width
Main clock input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Serial I/O clock input cycle time
(Note)
Serial I/O clock input “H” pulse width
(Note)
Serial I/O clock input “L” pulse width
(Note)
Serial I/O input setup time
Serial I/O input hold time
tw(RESET)
tc(XIN)
twH(XIN)
twL(XIN)
tc(CNTR)
twH(CNTR)
twL(CNTR)
twH(INT)
twL(INT)
tc(SCLK)
twH(SCLK)
twL(SCLK)
tsu(RxD-SCLK)
th(SCLK-RxD)
Limits
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
2
125
45
40
250
105
105
80
80
800
370
370
220
100
Typ.
Max.
Symbol
Unit
Limits
µs
ns
ns
ns
ns
ns
ns
s
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
2
125
250
45
100
40
100
2/f(XIN)
tc(CNTR)/2–20
tc(CNTR)/2–20
230
230
2000
950
950
400
200
Typ.
Max.
Symbol
Unit
Table 18 Timing requirements 1 (Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Reset input “L” pulse width
Main clock input cycle time (XIN input) Vcc = 2.7 to 4.0 V
Main clock input cycle time (XIN input) Vcc = 2.2 to 2.7 V
Main clock input “H” pulse width Vcc = 2.7 to 4.0 V
Main clock input “H” pulse width Vcc = 2.2 to 2.7 V
Main clock input “L” pulse width Vcc = 2.7 to 4.0 V
Main clock input “L” pulse width Vcc = 2.2 to 2.7 V
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Serial I/O clock input cycle time
(Note)
Serial I/O clock input “H” pulse width
(Note)
Serial I/O clock input “L” pulse width
(Note)
Serial I/O input setup time
Serial I/O input hold time
Table 19 Timing requirements 2 (mask ROM version) (Vcc = 2.2 to 4.0 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Note: When bit 6 of address 001A16 is “1”.
Divide this value by four when bit 6 of address 001A16 is “0”.
Note: When bit 6 of address 001A16 is “1”.
Divide this value by four when bit 6 of address 001A16 is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com