Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C84EB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 15Page - Renesas Technology Corp M38C84EB Datasheet HTML 16Page - Renesas Technology Corp M38C84EB Datasheet HTML 17Page - Renesas Technology Corp M38C84EB Datasheet HTML 18Page - Renesas Technology Corp M38C84EB Datasheet HTML 19Page - Renesas Technology Corp M38C84EB Datasheet HTML 20Page - Renesas Technology Corp M38C84EB Datasheet HTML 21Page - Renesas Technology Corp M38C84EB Datasheet HTML 22Page - Renesas Technology Corp M38C84EB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
18
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Fig. 13 Interrupt control
Fig. 14 Structure of interrupt-related registers
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
Reset
Interrupt request
Interrupt request register 1
INT0 interrupt request bit
INT1 interrupt request bit
Serial I/O receive interrupt request bit
Serial I/O transmit interrupt request bit
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
Interrupt request register 2
CNTR0 interrupt request bit
CNTR1 interrupt request bit
Timer 1 interrupt request bit
Not used (returns “0” when read)
Key input interrupt request bit
A-D conversion interrupt request bit
Not used (returns “0” when read)
(IREQ2 : address 003D16)
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
Not used (return “0” when read)
(INTEDGE : address 003A16)
0 : Falling edge active
1 : Rising edge active
b7
b0
b7
b0
Interrupt control register 1
INT0 interrupt enable bit
INT1 interrupt enable bit
Serial I/O receive interrupt enable bit
Serial I/O transmit interrupt enable bit
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
(ICON1 : address 003E16)
Interrupt control register 2
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
Timer 1 interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
Key input interrupt enable bit
A-D conversion interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
b7
b0
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com