Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C84EB Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M38C84EB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C84EB Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M38C84EB Datasheet HTML 16Page - Renesas Technology Corp M38C84EB Datasheet HTML 17Page - Renesas Technology Corp M38C84EB Datasheet HTML 18Page - Renesas Technology Corp M38C84EB Datasheet HTML 19Page - Renesas Technology Corp M38C84EB Datasheet HTML 20Page - Renesas Technology Corp M38C84EB Datasheet HTML 21Page - Renesas Technology Corp M38C84EB Datasheet HTML 22Page - Renesas Technology Corp M38C84EB Datasheet HTML 23Page - Renesas Technology Corp M38C84EB Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
19
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Key Input Interrupt (Key-on Wake-Up)
A key input interrupt request is generated by applying “L” level to any
pin of port P2 that have been set to input mode. In other words, it is
generated when AND of input level goes from “1” to “0”. An example
of using a key input interrupt is shown in Figure 15, where an inter-
rupt request is generated by pressing one of the keys consisted as
an active-low key matrix which inputs to ports P20–P23.
Fig. 15 Connection example when using key input interrupt and port P2 block diagram
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
Port P20
latch
Port P21
latch
Port P22
latch
Port P23
latch
Port P24
latch
Port P25
latch
Port P26
latch
Port P27
latch
P20 input
P21 input
P22 input
P23 input
P24 output
P25 output
P26 output
P27 output
PULL register A
Bit 5 = “1”
Port P2
Input reading circuit
Port PXx
“L” level output
✽
P-channel transistor for pull-up
✽✽
CMOS output buffer
Key input interrupt request
Port P27 direction
register = “1”
Port P26 direction
register = “1”
Port P25 direction
register = “1”
Port P24 direction
register = “1”
Port P23 direction
register = “0”
Port P22 direction
register = “0”
Port P21 direction
register = “0”
Port P20 direction
register = “0”
PULL register A
Bit 4 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com