Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 9Page - STMicroelectronics STV0056 Datasheet HTML 10Page - STMicroelectronics STV0056 Datasheet HTML 11Page - STMicroelectronics STV0056 Datasheet HTML 12Page - STMicroelectronics STV0056 Datasheet HTML 13Page - STMicroelectronics STV0056 Datasheet HTML 14Page - STMicroelectronics STV0056 Datasheet HTML 15Page - STMicroelectronics STV0056 Datasheet HTML 16Page - STMicroelectronics STV0056 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 12V, VDD =5V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
AUXILIARY AUDIO OUTPUT (Pins S2 OUT R, S2 OUT L, S3 OUT R, S3 OUT L) (continued)
THDAOFM
THD on S2 or S3
FM input as for APA50
75
µs de-emphasis, no ANRS
0.3
1
%
ZOUT L
ZOUT H
Audio Output Impedance
Low impedance mode
High impedance mode
30
60
44
100
55
k
I/O
VIL
VIH
Low Level Input
High Level Input
2.4
0.8
V
V
VOL
VOH
Low Level Output
High Level Output
Isink= 2mA
Isource = 2mA
3.2
0.2
4.6
0.4
V
V
LNBT
Tone Frequency
22.2
22.2
22.2
kHz
LNBD
Tone Signal Duty Cycle
No load connected on I/O
49
50
51
%
RESET
RTCCU
End of Reset Threshold for VCC
VDD = 5V, VCC going up
8.7
V
RTCCD
Start of Reset Threshold for VCC
VDD = 5V, VCC going down
7.9
V
RTDDU
End of Reset Threshold for VDD
VCC = 12V, VDD going up
3.8
V
RTDDD
Start of Reset Threshold for VDD
VCC = 12V, VDD going down
3.5
V
COMPOSITE SIGNAL PROCESSING
VIDC
VID IN
External load current < 1
µA
2.25
2.45
2.65
V
ZVI
VID IN Input Impedance
7
11
14
k
DEODC
DC Output Level (Pins VIDEEM)
2.25
2.45
2.65
V
DEOMX
Max AC Level before Clipping
(Pins VIDEEM)
GV = 0dB, Reg 01 = 00
2
VPP
DGV
Gain error vs GV @ 100kHz
GV = 0 to 12.7dB, Reg 01 = 00
→ 3F
-0.5
0
0.5
dB
INVG
Inverter Gain
-0.9
-1
-1.1
VISOG
Video Input to SCART Outputs
Gain
De-emphasis amplifier mounted in unity
gain, Normal video selected
-1
0
1
dB
DEBW
Bandwidth for 1VPP input
measured on Pins VIDEEM
@ - 3dB with GV = 0dB, Reg 01 = 00
10
MHz
DFG
Differential Gain on Sync Pulses
measured on Pins VIDEEM
GV = 0dB, 1VPP CVBS + 0.5VPP
25Hz sawtooth (input : VID IN)
1%
ITMOD
Intermodulation of FM subcar-
riers with chroma subcarrier
7.02 and 7.2MHz sub-carriers,
12.2dB lower than chroma
-60
dB
CLAMP STAGES (Pins CLAMP IN, S1, S2, S3 VID RTN)
ISKC
Clamp Input Sink Current
VIN = 3V
0.5
1
1.5
µA
ISCC
Clamp Input Source Current
VIN =2V
40
50
60
µA
VIDEO MATRIX
XTK
Output Level on any Output
when 1VPP CVBS input is
selected for any other output
@ 5MHz
TBD
dB
BFG
Output Buffer Gain (Pins S1 VID
OUT, S2 VID OUT, S2 VID OUT)
@ 100kHz
1.87
2
2.13
DCOLVH
DC Output Level
High impedance mode
0
0.2
V
ZOUT HV
Video Output Impedance
High impedance mode
16
23
30
k
VCL
Sync Tip Level on Selected
Outputs (Pins S1 VID OUT, S2
VID OUT)
1VPP CVBS through 10nF on input
1.05
1.3
1.55
V
VCL S3
Sync Tip Level at S3 VID OUT
with Black Level Adjust
Register 4
b6 b7
00
01
10
11
1.36
1.52
1.67
1.84
V
V
V
V
STV0056AF
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com