Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
38 39 40 41 42 43 44 45 46 47 48
33 34 35 36 37
S1 VID OUT
S3 VID OUT
FC R
PK IN R
LEVEL R
S1 VID RTN
VOL R
S3 VID RTN
S2 RTN L
S2 RTN R
FM IN
S3 RTN L
S3 RTN R
AGC L
S3 OUT L
S3 OUT R
IO
SCL
SDA
HA
J17 R
J17 L
XTL
V
DD 5V
CPUMP R
I
REF
PKOUT R
PKOUT L
LEVEL L
PK IN L
FC L
AGND R
PIN CONNECTIONS
PIN ASSIGNMENT
Pin Number
Name
Function
1
GND
Connected to the Lead Frame
2
S2 VID OUT
VCR-Scart 2 Video Output
3
VOL L
Volume Controlled Audio Out Left
4
S2 VID RTN
VCR-Scart 2 Video Return
5
S2 OUT L
Fixed Level Audio Output Left (to VCR)
6
CLAMP IN
Sync-Tip Clamp Input
7
S2 OUT R
Fixed Level Audio Output Right (to VCR)
8
UNCL DEEM
Unclamped Deemphasized Video Output
9
VIDEEM2/22kHz
Video Deemphasis 2 or 22kHz Output
10 - 11
V 12V
Video 12V Supply
12
VIDEEM1
Video Deemphasis 1
13 - 14
V GND
Video Ground
15
NC
16
B-BAND IN
Base Band Input
17
S2 RTN L
Auxiliary Audio Return Left (from VCR)
18
S2 RTN R
Auxiliary Audio Return Right (from VCR)
19
FM IN
FM Demodulator Input
20
S3 RTN L
Auxiliary Audio Return Left (from decoder)
STV0056AF
2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com