Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 3 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Pin Number
Name
Function
21
S3 RTN R
Auxiliary Audio Return Right (from decoder)
22
AGC L
AGC Peak Detector Capacitor Left
23
S3 OUT L
Auxiliary Audio Output L (to decoder)
24
S3 OUT R
Auxiliary Audio Output R (to decoder)
25
I/O/22kHz
Digital Input/Output or 22kHz Output
26
SCL
I
2C Bus Clock
27
SDA
I
2C Bus Data
28
HA
Hardware Address
29
J17 R
J17 Deemphasis Time Constant Right
30
J17 L
J17 Deemphasis Time Constant Left
31
XTL
4/8MHz Quartz Crystal or Clock Input
32
VDD 5V
Digital 5V Power Supply
34
NC
Not Connected
33
GND 5V
Digital Power Ground
35
CPUMP L
FM PLL Charge Pump Capacitor Left
36
DET L
FM PLL Filter Left
37
U75 L
Deemphasis Time Constant Left
38
AMPLK L
Amplitude Detector Capacitor Left
39
AGC R
AGC Peak Detector Capacitor Right
40
NC
41 - 42
A GND L
Audio Ground
43
VREF
2.4V Reference
44 - 45
A 12V
Audio 12V Supply
46
AMPLK R
Amplitude Detector Capacitor Left
47
DET R
FM PLL Filter Right
48
U75 R
Deemphasis Time Constant Right
49
CPUMP R
FM PLL Charge Pump Capacitor Right
50
IREF
Current Reference Resistor
51
PK OUT R
Noise Reduction Peak Detector Output Right
52
PK OUT L
Noise Reduction Peak Detector Output Left
53
LEVEL L
Noise Reduction Level Left
54
PK IN L
Noise Reduction Peak Detector Input
55
FC L
Audio Roll-off Left
56
A GND R
Audio Ground
57
FC R
Audio Roll-off Right
58
PK IN R
Noise Reduction Peak Detector Input Right
59
LEVEL R
Noise Reduction Level Right
60
S1 VID RTN
TV-Scart 1 Video Return
61
S3 VID RTN
Decoder-Scart Video Return
62
VOL R
Volume Controlled Audio Out Right
63
S3 VID OUT
Decoder-Scart Video Output
64
S1 VID OUT
TV-Scart 1 Video Output
PIN ASSIGNMENT (continued)
STV0056AF
3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com