Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0056 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 19Page - STMicroelectronics STV0056 Datasheet HTML 20Page - STMicroelectronics STV0056 Datasheet HTML 21Page - STMicroelectronics STV0056 Datasheet HTML 22Page - STMicroelectronics STV0056 Datasheet HTML 23Page - STMicroelectronics STV0056 Datasheet HTML 24Page - STMicroelectronics STV0056 Datasheet HTML 25Page - STMicroelectronics STV0056 Datasheet HTML 26Page - STMicroelectronics STV0056 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
FM DEMODULATION SOFTWARE ROUTINE (continued)
2
nd STEP (LEFT) :
VCO FREQUENCY CHECKING (VCO)
This second step is actually a waiting loop in which
the actual running frequency of the VCO is meas-
ured.
To exit of this loop is allowed when : Subcarrier
Frequency - 10kHz
≤ MeasuredFrequency ≤ Sub-
carrier Frequency + 10kHz (
± 10kHz is the maxi-
mum dispersion of the frequency synthesis
function).
In practice, R8 B2 B3 and R9 are read and com-
pared to the value loaded in R6 B6 B7 and R7
±1 bit.
Note :
The duration of this step depends on how large is
frequency difference between the start frequency
and the targeted frequency. Typically :
- the rate of change of the VCO frequencyis about
3.75MHz/s (Cpump =10
µF)
- In addition to this settling time, 100ms must be
added to take into account the sampling period of
the watchdog.
3
rd STEP (LEFT)
The FM demodulationcan be startedby connecting
the VCO to the phase locked loop (PLL).
In practice :
- SW3 closed
⇒ R6 B4 = H
- SW4 opened
⇒ R6 B2 = L
After this sequence of 3 steps for left channel,
a similar sequence is needed for the right channel.
Note :
In the sequence for the right, there is no need to
again select the FM deviation (once is enough for
the pair).
General Remark
Before to enable the demodulated signal to the
audio output, it is recommandedto keep the muting
and to check whether a subcarrier is present at the
wanted frequency. Such an informationis available
in R8 B0 and R8 B4 which can be read.
Two different strategies can be adoptedwhen ena-
bling the output :
- Either both left and right demodulatedsignals are
simultaneously authorized when both channel
are ready.
- Or while the right channelsequenceis running,the
already ready left signal is sent to the left and right
outputs and the real stereo sound L/R is output
when bothchannels are ready. This second option
gives sound a few hundreds of ms before the first
one.
STV0056AF
24/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com