Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0190 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0190
Description  DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0190 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0190 Datasheet HTML 1Page - STMicroelectronics STV0190 Datasheet HTML 2Page - STMicroelectronics STV0190 Datasheet HTML 3Page - STMicroelectronics STV0190 Datasheet HTML 4Page - STMicroelectronics STV0190 Datasheet HTML 5Page - STMicroelectronics STV0190 Datasheet HTML 6Page - STMicroelectronics STV0190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STV0190
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May 1996
ADVANCE DATA
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D5B
D4B
D3B
D2B
D1B
D0B
D5A
D4A
D3A
D2A
D1A
D0A
CLKOUT
V
CCO
V
CCO
OGND
AGND
V
TO P
V
INA
V
MIDA
V
MIDB
V
INB
V
BOT
OGND
CLKIN
V
CCD
DGND
V
CCA
PIN CONNECTIONS
SO28
(Plastic Micropackage)
ORDER CODE : STV0190
.
RESOLUTION 6-BIT
.
MAX. SAMPLING FREQUENCY : 40 MSPS
.
TTL DATA OUTPUTS
.
BUILT-IN SAMPLING AND HOLD CIRCUIT
.
DUAL ADC ON CHIP TO IMPROVE CHAN-
NEL MATCHING
APPLICATIONS
.
QPSK DEMODULATION IN A SATELLITE
DECODER
This is advance information on a new product no w in development or undergoing evaluation. Deta ils are subject to change without notice.
DESCRIPTION
The STV0190 is a dual 40 MSPS 6-bit Analog to
Digital converter.
It is dedicated to QPSK demodulation in Satellite
receiver.
The Flash architecture combined with interpolation
technic gives the best trade off between power
consumption and maximum conversion speed.
1/7


Similar Part No. - STV0190

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0196 STMICROELECTRONICS-STV0196 Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
More results

Similar Description - STV0190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com