Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0190 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0190
Description  DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0190 Datasheet(HTML) 4 Page - STMicroelectronics

  STV0190 Datasheet HTML 1Page - STMicroelectronics STV0190 Datasheet HTML 2Page - STMicroelectronics STV0190 Datasheet HTML 3Page - STMicroelectronics STV0190 Datasheet HTML 4Page - STMicroelectronics STV0190 Datasheet HTML 5Page - STMicroelectronics STV0190 Datasheet HTML 6Page - STMicroelectronics STV0190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Analog Supply Voltage
3.1, 3.45
V
Digital Supply Voltage
3.1, 3.45
V
Toper
Operating Temperature
0, +70
oC
ELECTRICAL CHARACTERISTICS (VCC = 3.3V, Tamb = 0 to 70
oC, Full scale 10MHz, 1.5VPP input,
40MSPS, CL = 20pF, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ANALOG INPUT
Differential Reference Voltage
VTOP -VBOT
1
1.5
VPP
Variation of Channel A to Channel B (FS)
0.5 LSB
8
mV
RIN
Input Resistance
20
k
Ω
Input Bandwidth 3dB
20
MHz
DIGITA L OUTPUTS
High Logic Voltage
2.4
VCC
V
Low Logic Voltage
0
0.4
V
High Logic Current
-4
mA
Low Logic Current
4mA
Logic Format
tPD
Output Timing
See Figure 1
9
ns
tV
Output Timing
See Figure 1
5
ns
tSKEW
Data Output Skew TSK
(all outputs, settled within 20%)
See Figure 1
1
ns
tAPER
Aperture Delay relative to Data Clock
See Figure 1
1
ns
tR,tF
Data Output Rise and Fall Time
4
ns
CLOCK INPUT
VIH
High Input Voltage
2.0
VCC
V
VIL
Low Input Voltage
0
0.8
V
IIH
High Input Current
TBD
µA
IIL
Low Input Current
TBD
µA
Clock Duty Cycle
40
60
%
tCL
Clock Period
See Figure 1
24
ns
Analog Input
Digital Output
most positive input
63
111111
62
111110
....
............
33
100001
32
100000
31
011111
30
011110
....
............
1
000001
least positive input
0
000000
STV0190
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com