Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0190 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0190
Description  DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0190 Datasheet(HTML) 6 Page - STMicroelectronics

  STV0190 Datasheet HTML 1Page - STMicroelectronics STV0190 Datasheet HTML 2Page - STMicroelectronics STV0190 Datasheet HTML 3Page - STMicroelectronics STV0190 Datasheet HTML 4Page - STMicroelectronics STV0190 Datasheet HTML 5Page - STMicroelectronics STV0190 Datasheet HTML 6Page - STMicroelectronics STV0190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1
2
3
5
10
16
17
18
19
20
11
12
13
14
15
21
22
ADC A
6
8
7
9
CLOCK
DRIVER
D5A
D4A
D3A
D2A
D1A
D0A
CLKOUT
CLKIN
AGND
DG ND
O GND
V
CCO
V
CCD
V
CCA
V
INA
V
MIDA
V
INB
V
BOT
4
V
TOP
TTL
OUTP UT
LATCHES
ADC B
TTL
OUTP UT
LATCHES
26
27
28
23
24
25
D5B
D4B
D3B
D2B
D1B
D0B
10
µF
100nF
10
µF
100nF
10
µF
100nF
0V
0V
V
MIDB
0V
0V
STV0190
TYPICAL APPLICATION
STV0190
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com