Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0190 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0190
Description  DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0190 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0190 Datasheet HTML 1Page - STMicroelectronics STV0190 Datasheet HTML 2Page - STMicroelectronics STV0190 Datasheet HTML 3Page - STMicroelectronics STV0190 Datasheet HTML 4Page - STMicroelectronics STV0190 Datasheet HTML 5Page - STMicroelectronics STV0190 Datasheet HTML 6Page - STMicroelectronics STV0190 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIN CONFIGURATION
Pin N
°
Symbol
Function
1VCCO
Output Buffer Supply Voltage Channel A + B
2
OGND
Output Buffer Ground Channel A + B
3
AGND
Analog Ground
4VTOP
Top Reference Voltage
5VINA
Analog Input Channel A
6VMIDA
Reference Voltage DC Coupling Channel A
7VMIDB
Reference Voltage DC Coupling Channel B
8VINB
Analog Input Channel B
9VBOT
Bottom Reference Voltage
10
VCCA
Analog Supply Voltage
11
DGND
Digital Ground
12
VCCD
Digital Supply Voltage
13
CLKIN
Clock Input
14
OGND
Output Buffer Ground Channel A + B
15
VCCO
Output Buffer Supply Voltage Channel A + B
16
CLKOUT
Clock Output
17 to 22
D0A to D5A
D0 (LSB) to D5 (MSB) Outputs Channel A
23 to 28
D0B to D5B
D0 (LSB) to D5 (MSB) Outputs Channel B
STV0190
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com