Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6500 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VV6500
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6500 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VV6500 Datasheet HTML 4Page - STMicroelectronics VV6500 Datasheet HTML 5Page - STMicroelectronics VV6500 Datasheet HTML 6Page - STMicroelectronics VV6500 Datasheet HTML 7Page - STMicroelectronics VV6500 Datasheet HTML 8Page - STMicroelectronics VV6500 Datasheet HTML 9Page - STMicroelectronics VV6500 Datasheet HTML 10Page - STMicroelectronics VV6500 Datasheet HTML 11Page - STMicroelectronics VV6500 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Introduction
STV0680B + VV6444/6410/6500
8/63
Version 3.4
q
A greater number of images can be stored when ‘Low’ resolution mode is enabled (e.g. 80
QCIF images with 16Mbit memory, 107 QVGA images with 64Mbit memory). See
Table 3.
q
Automatic anti-flicker exposure and gain control
1.4.2
Image features (STV0680B-003)
q
All image features for STV0680B-001 are supported.
q
Support for flashgun.
1.4.3
User features on camera (STV0680B-001)
q
Self-timer mode allows a picture to be captured after several seconds.
q
Twin 7 segment LCD panel supported - showing number of pictures left, and modes.
q
Picture counter helps the user to know how much memory is left.
q
Un-tethered ‘Continuous’ mode allows capture of image sequences for storage in memory and
subsequent download to PC.
q
Piezo buzzer indicates a number of useful events to the user, e.g. whether enough light is
present for picture capture, etc.
q
Indicator LED.
q
“Clear all” function clears camera.
q
“Low Resolution” mode increases number of images which can be captured by reducing image
resolution.
1.4.4
User features on camera (STV0680B-003)
q
All user features of STV0680B-001 are supported.
q
Audio Record function (if audio record hardware detected) allows sounds to be recorded.
q
Audio Playback function (if audio playback hardware fitted) allows sounds which have been
recorded to be played back.
q
“Delete last” function allows user to delete audio memos, pictures or continuous clips, deletion
must be carried out “most reset first”.
q
Camera can be configured by the user to play custom sounds at certain functions, using a PC
application.
q
“Go to sleep” function, whereby the camera can be put into standby mode while untethered.
1.4.5
User features on PC software (STV0680B-001)
PC software allows a number of features, including fast download of thumbnail images for picture
selection, and automatic detection and correction of sensor defects. The driver compatibility
includes:
q
TWAIN driver to suit all TWAIN compatible imaging applications
q
Video for Windows PC driver for tethered video mode (through USB), available at all
resolutions, with fastest framerates at QCIF resolution
q
AVI video file creation from image sequences captured in ‘continuous’ mode
q
Quicktime Video driver and Adobe Photoshop stills plug-in for Mac
Custom OEM PC software can be developed by using the SDK (for SDK availability, contact ST), to
upload thumbnails/still images or ‘continuous’ images, e.g. for AVI file creation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com