Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6500 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VV6500
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6500 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VV6500 Datasheet HTML 7Page - STMicroelectronics VV6500 Datasheet HTML 8Page - STMicroelectronics VV6500 Datasheet HTML 9Page - STMicroelectronics VV6500 Datasheet HTML 10Page - STMicroelectronics VV6500 Datasheet HTML 11Page - STMicroelectronics VV6500 Datasheet HTML 12Page - STMicroelectronics VV6500 Datasheet HTML 13Page - STMicroelectronics VV6500 Datasheet HTML 14Page - STMicroelectronics VV6500 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Version 3.4
11/63
STV0680B + VV6444/6410/6500
Detailed features
3 A CIF camera with STV0680B-001 and 64Mbit SDRAM can store up to 320 images by using QCIF
mode. Where >99 images are still available, the LCD display will remain at 99. Where (no. of
images available) <99, the LCD display will show the number of images available, as is the case
with all other modes.
2.1.1
VV6444
VV6444 is a CIF resolution, 5V CMOS imaging sensor and has been superseded by VV6410/6411.
2.1.2
VV6410
VV6410 is a CIF resolution, 3.3V CMOS imaging sensor. A brief specification is shown in
Chapter 6.
A dual design to support VV6444 and VV6410/6411 is not possible, since VV6410/6411 is a 3v3
sensor. A single footprint for VV6410/6411 and VV6500 is not possible since the package types
differ, however, the same support circuit is used.
For IR filter design, the best choice filter follows the GS0034 dielectric stack filter specification,
which is available from ST. An alternative, although not optimal filter, would be Schott S8612 doped
glass, also sold as CM500.
2.1.3
VV6411
VV6411 is a CIF resolution, 3.3V CMOS imaging sensor. A brief specification is shown in
Chapter 6.
The functionality, pixel size, resolution and support circuit are identical to VV6410, however, the
colour filter material is slightly different, and the package type and pinout may differ to VV6410.
Contact ST for further details.
A single footprint to support VV6411 and VV6500 is not possible because of the package difference.
A single footprint to support VV6410 and VV6411 may be possible, dependant on the final package
for VV6411.
2.1.4
VV6500
VV6500 is a VGA resolution, 3.3V CMOS imaging sensor. A brief specification is shown in
Chapter 6
A dual design to support VV6444 and VV6500 is not possible, since VV6500 is a 3v3 sensor. A
single footprint for VV6410/6411 and VV6500 is not possible since the package types differ,
however, the same support circuit is used. See
Chapter 6.
For IR filter design, the best choice filter follows the GS0034 dielectric stack filter specification,
which is available from ST. An alternative, although not optimal filter, would be Schott S8612 doped
glass, also sold as CM500.
2.1.5
SDRAM
This is covered in more details in
Chapter 4.
2.2
User interface
The user interface supported by STV0680B comprises of user controls, buzzer sounds or
customised audio sounds and visual displays.
2.2.1
Push buttons
The following are the functions which are supported by the chipset. These functions are achievable
with no more than 2 push buttons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com