Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6500 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VV6500
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6500 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VV6500 Datasheet HTML 10Page - STMicroelectronics VV6500 Datasheet HTML 11Page - STMicroelectronics VV6500 Datasheet HTML 12Page - STMicroelectronics VV6500 Datasheet HTML 13Page - STMicroelectronics VV6500 Datasheet HTML 14Page - STMicroelectronics VV6500 Datasheet HTML 15Page - STMicroelectronics VV6500 Datasheet HTML 16Page - STMicroelectronics VV6500 Datasheet HTML 17Page - STMicroelectronics VV6500 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Detailed features
STV0680B + VV6444/6410/6500
14/63
Version 3.4
audio record and “delete last” functions into the user interface. The audio sample rate is 11.025kHz,
and the signal is digitised using a successive approximation A-D converter with 8 bits resolution.
The SDRAM stores 1 second of Audio recording per 11k Bytes of memory.
2.4.2
Playback
A camera which includes STV0680B-003 and an amplifier, speaker/headphone socket, and other
periphery, can be used to playback sounds which were either recorded on the camera or
downloaded from the PC.
The quality of Audio playback is largely dependant on the type of speaker used, and on the correct
mounting of the speaker in the camera plastics.
2.5
PC interface options and software support
Either USB Interface (full speed 12Mbit/sec. max.) or RS232 interface (115.2Kbaud) is supported
by the chipset, with driver software available from ST for both. The interface type is auto-detected
by the chipset. PC software can be one of the following:
1
Simple image upload demonstration software supplied by ST, allowing uploading of stills or
‘continuous’ images. This software should not be supplied as an end-user product.
2
TWAIN driver to suit all TWAIN compatible imaging applications
3
Video for Windows driver for tethered video mode (USB only)
4
Custom end-user software developed by OEM using SDK (for SDK availability, contact ST).
The SDK is supplied by ST as a 32-bit DLL format, running on Windows 98, and accessed
through a documented software interface. This provides the basis for developing a custom
software application for uploading stills and/or video.
2.5.1
USB
Complete images (displayed as either thumbnails or in full resolution), or the entire SDRAM
contents (e.g. for uploading continuously captured image sequences, recorded using ‘Continuous
Capture’ mode) can be downloaded through USB, and USB connection also allows for tethered
video mode to be activated by the USB driver.
Thumbnail image download is extremely fast for the entire memory contents in the camera. Once a
picture is selected for download, full image download takes approximately 0.15 seconds per image
for a CIF image (0.6 seconds for a VGA image), plus post processing time per image.
For USB interface details, see
Section 4.4.
Note:
Actual USB download and post processing time also depends on PC performance and USB bus
loading
2.5.2
RS232
Thumbnails of images, complete stored images, or the entire SDRAM contents can be downloaded
through RS232, but tethered video is not supported.
Once a picture is selected for download, full image download takes approximately 10 seconds per
image for a CIF image (around 30 seconds for a VGA image), plus post processing time per image
(of the order of 1 second approximately).
For RS232 interface details, see
Section 4.5.
Note:
Actual post processing time after RS232 download also depends on PC performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com