Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6500 Datasheet(PDF) 56 Page - STMicroelectronics

Part # VV6500
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6500 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VV6500 Datasheet HTML 52Page - STMicroelectronics VV6500 Datasheet HTML 53Page - STMicroelectronics VV6500 Datasheet HTML 54Page - STMicroelectronics VV6500 Datasheet HTML 55Page - STMicroelectronics VV6500 Datasheet HTML 56Page - STMicroelectronics VV6500 Datasheet HTML 57Page - STMicroelectronics VV6500 Datasheet HTML 58Page - STMicroelectronics VV6500 Datasheet HTML 59Page - STMicroelectronics VV6500 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
VV6500 pinout information and package dimensions
STV0680B+ VV6410/6411/6500
56/63
Version 3.4
10.3
VV6500 package dimensions
(48 pin LCC)
Figure 16 : VV6500 Package details
14.22 SQ
.
+0.30
-0.13
11.414 ±0.13
9.89 ±0.13
0.33 min.
B/F EXPOSURE
0.13 Typ.
B/Fpull back
5.20 Ref.
Typ.
0.4
8
typ
.
0.2
0
typ.
0.20 ref. x 45°
Pin n°1
1
1
6
6
7
18
19
19
30
30
31
31
42
42
0.0217±0.002
(0.55 ±0.05)
MP-2
MP-3
0.571±0.050
0.546 ±0.050
1.549 ±0.16
0.432 ±0.050
0.08
0.08
A
-A-
0.20
Typ.
43
48
43
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com