Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2004 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HSG2004
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2004 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HSG2004 Datasheet HTML 5Page - Renesas Technology Corp HSG2004 Datasheet HTML 6Page - Renesas Technology Corp HSG2004 Datasheet HTML 7Page - Renesas Technology Corp HSG2004 Datasheet HTML 8Page - Renesas Technology Corp HSG2004 Datasheet HTML 9Page - Renesas Technology Corp HSG2004 Datasheet HTML 10Page - Renesas Technology Corp HSG2004 Datasheet HTML 11Page - Renesas Technology Corp HSG2004 Datasheet HTML 12Page - Renesas Technology Corp HSG2004 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HSG2004
Rev.4.00 Jun 21, 2006 page 9 of 12
S parameter
(VCE = 3 V, IC = 30 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.684
-61.3
47.90
147.5
0.0103
39.8
1.006
-19.0
200
0.708
-53.6
39.45
142.1
0.0168
50.5
0.811
-53.9
300
0.664
-81.8
35.97
128.9
0.0180
41.9
0.685
-71.2
400
0.644
-105.0
32.90
117.8
0.0192
36.7
0.601
-84.9
500
0.638
-121.4
29.04
109.5
0.0214
34.3
0.543
-94.8
600
0.640
-134.8
25.80
102.8
0.0225
31.8
0.505
-102.7
700
0.640
-143.6
22.83
97.7
0.0240
29.2
0.480
-109.5
800
0.640
-150.6
20.30
93.4
0.0238
28.5
0.460
-115.0
900
0.641
-156.5
18.23
89.8
0.0242
30.5
0.447
-119.7
1000
0.641
-161.6
16.44
86.5
0.0249
30.4
0.437
-123.8
1100
0.644
-166.1
15.00
83.6
0.0250
27.9
0.431
-127.3
1200
0.648
-169.8
13.75
80.9
0.0252
29.1
0.427
-130.2
1300
0.649
-173.1
12.70
78.4
0.0258
29.4
0.425
-132.7
1400
0.651
-176.2
11.78
76.0
0.0262
29.7
0.423
-134.9
1500
0.651
-179.2
10.97
73.9
0.0263
30.7
0.423
-136.9
1600
0.656
177.9
10.23
71.8
0.0270
32.4
0.424
-138.7
1700
0.660
175.5
9.58
69.9
0.0274
33.0
0.425
-140.3
1800
0.665
173.5
9.01
68.0
0.0282
33.6
0.427
-141.7
1900
0.667
171.5
8.52
66.1
0.0285
34.5
0.429
-143.0
2000
0.668
169.3
8.08
64.1
0.0294
34.3
0.432
-144.1
2100
0.669
167.1
7.65
62.4
0.0297
35.2
0.435
-145.2
2200
0.673
164.9
7.27
60.7
0.0304
35.9
0.438
-146.2
2300
0.678
163.1
6.92
59.2
0.0310
36.5
0.441
-147.3
2400
0.683
161.5
6.61
57.6
0.0318
37.7
0.444
-148.0
2500
0.687
160.0
6.32
55.9
0.0327
38.0
0.448
-148.9
2600
0.687
158.2
6.05
54.2
0.0337
37.6
0.450
-149.6
2700
0.688
156.4
5.80
52.5
0.0339
38.8
0.454
-150.3
2800
0.689
154.5
5.57
50.9
0.0348
38.8
0.457
-150.9
2900
0.693
152.9
5.35
49.5
0.0359
39.4
0.460
-151.6
3000
0.698
151.5
5.16
48.2
0.0364
39.9
0.463
-152.2
3200
0.702
148.6
4.80
45.0
0.0381
40.5
0.468
-153.4
3400
0.703
145.0
4.48
41.8
0.0399
40.5
0.473
-154.6
3600
0.709
142.1
4.19
39.0
0.0418
40.7
0.477
-156.0
3800
0.712
139.0
3.95
36.0
0.0436
40.1
0.480
-157.3
4000
0.715
135.4
3.72
32.7
0.0453
39.9
0.483
-158.9
4200
0.723
132.3
3.51
29.9
0.0477
39.2
0.485
-160.6
4400
0.726
129.2
3.33
27.0
0.0489
39.3
0.487
-162.5
4600
0.730
125.4
3.14
23.7
0.0511
38.3
0.490
-164.8
4800
0.742
122.4
2.98
20.8
0.0531
37.1
0.493
-167.0
5000
0.747
119.4
2.84
17.8
0.0555
36.5
0.497
-169.5
5200
0.753
115.9
2.69
14.5
0.0571
35.1
0.503
-172.1
5400
0.765
113.0
2.55
11.5
0.0592
33.4
0.509
-174.9
5600
0.773
110.3
2.43
8.4
0.0612
31.6
0.517
-177.8
5800
0.779
106.9
2.30
5.3
0.0628
30.0
0.525
179.3
6000
0.790
104.5
2.18
2.2
0.0643
28.2
0.534
176.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com