Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2004 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HSG2004
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2004 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HSG2004 Datasheet HTML 5Page - Renesas Technology Corp HSG2004 Datasheet HTML 6Page - Renesas Technology Corp HSG2004 Datasheet HTML 7Page - Renesas Technology Corp HSG2004 Datasheet HTML 8Page - Renesas Technology Corp HSG2004 Datasheet HTML 9Page - Renesas Technology Corp HSG2004 Datasheet HTML 10Page - Renesas Technology Corp HSG2004 Datasheet HTML 11Page - Renesas Technology Corp HSG2004 Datasheet HTML 12Page - Renesas Technology Corp HSG2004 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HSG2004
Rev.4.00 Jun 21, 2006 page 10 of 12
S parameter
(VCE = 3.3 V, IC = 30 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.674
-60.3
48.82
147.33
0.0124
106.4
0.755
-22.6
200
0.708
-53.6
40.51
141.98
0.0146
57.5
0.814
-53.5
300
0.668
-81.6
36.68
128.82
0.0189
39.9
0.690
-70.4
400
0.646
-104.3
33.30
117.87
0.0211
42.3
0.598
-83.9
500
0.637
-121.1
29.33
109.63
0.0216
34.1
0.544
-94.1
600
0.638
-134.3
26.04
102.93
0.0229
32.8
0.506
-102.0
700
0.640
-143.1
23.01
97.82
0.0234
31.7
0.480
-108.7
800
0.639
-150.2
20.48
93.51
0.0239
29.8
0.460
-114.2
900
0.639
-156.1
18.38
89.85
0.0244
30.0
0.448
-119.1
1000
0.639
-161.2
16.56
86.63
0.0247
28.7
0.436
-123.2
1100
0.643
-165.7
15.11
83.71
0.0248
29.6
0.431
-126.6
1200
0.647
-169.5
13.85
80.95
0.0252
27.6
0.426
-129.5
1300
0.648
-172.8
12.80
78.44
0.0259
30.7
0.424
-132.0
1400
0.649
-175.9
11.87
76.09
0.0258
30.7
0.422
-134.3
1500
0.650
-178.9
11.05
73.89
0.0269
31.0
0.422
-136.4
1600
0.653
178.2
10.31
71.81
0.0273
32.5
0.423
-138.2
1700
0.658
175.8
9.66
69.89
0.0276
31.8
0.424
-139.8
1800
0.663
173.7
9.08
67.99
0.0281
33.4
0.426
-141.2
1900
0.665
171.7
8.58
66.10
0.0288
34.3
0.428
-142.5
2000
0.667
169.5
8.14
64.14
0.0294
35.0
0.431
-143.6
2100
0.667
167.3
7.71
62.39
0.0297
35.5
0.434
-144.8
2200
0.671
165.1
7.33
60.67
0.0305
35.8
0.437
-145.7
2300
0.676
163.3
6.97
59.20
0.0311
36.7
0.440
-146.7
2400
0.682
161.6
6.66
57.56
0.0318
37.6
0.443
-147.6
2500
0.685
160.1
6.36
55.90
0.0322
37.5
0.447
-148.4
2600
0.685
158.4
6.10
54.14
0.0337
39.1
0.450
-149.2
2700
0.687
156.5
5.85
52.44
0.0342
38.8
0.453
-149.8
2800
0.688
154.7
5.61
50.90
0.0348
39.2
0.456
-150.6
2900
0.692
153.1
5.39
49.52
0.0355
39.3
0.459
-151.2
3000
0.696
151.6
5.19
48.15
0.0361
39.5
0.462
-151.8
3200
0.701
148.7
4.84
44.97
0.0380
40.5
0.467
-153.0
3400
0.702
145.2
4.51
41.72
0.0397
40.5
0.472
-154.2
3600
0.708
142.3
4.22
39.02
0.0414
40.1
0.476
-155.6
3800
0.710
139.2
3.98
35.99
0.0437
41.0
0.479
-156.9
4000
0.714
135.5
3.75
32.71
0.0458
40.5
0.483
-158.5
4200
0.722
132.4
3.54
29.88
0.0477
39.9
0.484
-160.3
4400
0.724
129.4
3.35
26.99
0.0490
38.8
0.487
-162.2
4600
0.729
125.5
3.17
23.61
0.0509
38.5
0.489
-164.4
4800
0.740
122.4
3.01
20.69
0.0530
37.5
0.493
-166.7
5000
0.746
119.5
2.86
17.76
0.0554
36.7
0.497
-169.1
5200
0.752
115.9
2.71
14.45
0.0573
35.6
0.502
-171.7
5400
0.764
113.1
2.57
11.42
0.0592
33.8
0.509
-174.6
5600
0.773
110.4
2.45
8.38
0.0614
31.9
0.516
-177.5
5800
0.778
107.0
2.32
5.20
0.0623
30.6
0.524
179.6
6000
0.789
104.5
2.19
2.09
0.0639
28.1
0.534
176.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com