Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2004 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HSG2004
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2004 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HSG2004 Datasheet HTML 5Page - Renesas Technology Corp HSG2004 Datasheet HTML 6Page - Renesas Technology Corp HSG2004 Datasheet HTML 7Page - Renesas Technology Corp HSG2004 Datasheet HTML 8Page - Renesas Technology Corp HSG2004 Datasheet HTML 9Page - Renesas Technology Corp HSG2004 Datasheet HTML 10Page - Renesas Technology Corp HSG2004 Datasheet HTML 11Page - Renesas Technology Corp HSG2004 Datasheet HTML 12Page - Renesas Technology Corp HSG2004 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HSG2004
Rev.4.00 Jun 21, 2006 page 11 of 12
S parameter
(VCE = 3.6 V, IC = 30 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.686
-60.1
49.50
147.35
0.0070
30.5
0.897
-21.2
200
0.713
-53.6
41.32
141.93
0.0155
53.8
0.815
-52.9
300
0.669
-81.1
37.11
128.90
0.0200
42.6
0.690
-69.6
400
0.645
-103.8
33.55
118.06
0.0199
37.3
0.605
-83.3
500
0.637
-120.5
29.52
109.81
0.0221
34.8
0.546
-93.3
600
0.638
-133.6
26.17
103.15
0.0222
31.6
0.507
-101.4
700
0.638
-142.5
23.13
98.02
0.0238
30.5
0.481
-108.1
800
0.637
-149.7
20.59
93.66
0.0239
28.3
0.461
-113.7
900
0.638
-155.6
18.47
90.02
0.0243
28.8
0.447
-118.4
1000
0.638
-160.8
16.65
86.77
0.0245
29.0
0.437
-122.5
1100
0.642
-165.3
15.20
83.83
0.0251
29.2
0.431
-125.9
1200
0.645
-169.1
13.93
81.07
0.0256
29.2
0.427
-129.0
1300
0.645
-172.4
12.87
78.55
0.0253
30.2
0.424
-131.4
1400
0.648
-175.6
11.94
76.19
0.0263
30.9
0.423
-133.8
1500
0.648
-178.6
11.11
73.98
0.0268
30.6
0.422
-135.8
1600
0.652
178.5
10.37
71.89
0.0271
32.1
0.423
-137.7
1700
0.657
176.1
9.71
69.97
0.0274
32.5
0.424
-139.3
1800
0.662
174.0
9.13
68.06
0.0279
33.0
0.426
-140.7
1900
0.664
171.9
8.62
66.16
0.0287
33.5
0.428
-142.1
2000
0.665
169.8
8.18
64.18
0.0292
34.2
0.431
-143.2
2100
0.666
167.5
7.75
62.44
0.0298
34.7
0.433
-144.3
2200
0.670
165.3
7.37
60.71
0.0306
35.9
0.436
-145.4
2300
0.675
163.5
7.01
59.24
0.0310
36.8
0.439
-146.3
2400
0.680
161.9
6.69
57.59
0.0316
36.8
0.443
-147.1
2500
0.684
160.4
6.40
55.92
0.0322
37.7
0.446
-148.0
2600
0.683
158.7
6.13
54.16
0.0335
38.0
0.450
-148.8
2700
0.684
156.8
5.88
52.46
0.0338
39.0
0.453
-149.5
2800
0.686
154.9
5.64
50.91
0.0345
39.3
0.455
-150.1
2900
0.691
153.2
5.42
49.54
0.0349
39.4
0.459
-150.8
3000
0.695
151.8
5.22
48.16
0.0364
39.8
0.462
-151.4
3200
0.700
148.9
4.86
44.99
0.0383
40.4
0.467
-152.5
3400
0.700
145.3
4.53
41.72
0.0399
40.5
0.472
-153.9
3600
0.706
142.4
4.24
39.01
0.0420
40.3
0.476
-155.2
3800
0.709
139.3
4.00
36.00
0.0430
40.9
0.479
-156.6
4000
0.713
135.6
3.77
32.71
0.0452
40.3
0.482
-158.1
4200
0.721
132.6
3.56
29.88
0.0471
40.2
0.485
-159.9
4400
0.723
129.5
3.37
26.99
0.0489
39.2
0.487
-161.8
4600
0.728
125.6
3.18
23.59
0.0510
38.4
0.489
-164.0
4800
0.739
122.6
3.02
20.67
0.0527
37.6
0.492
-166.4
5000
0.745
119.7
2.87
17.72
0.0551
36.4
0.496
-168.8
5200
0.751
116.1
2.72
14.42
0.0573
35.6
0.502
-171.4
5400
0.762
113.2
2.58
11.39
0.0590
33.7
0.509
-174.3
5600
0.771
110.4
2.46
8.34
0.0610
32.0
0.516
-177.2
5800
0.777
107.1
2.33
5.17
0.0624
30.4
0.524
179.8
6000
0.788
104.7
2.21
2.04
0.0638
28.5
0.533
176.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com