Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSG2004 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSG2004
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2004 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSG2004 Datasheet HTML 1Page - Renesas Technology Corp HSG2004 Datasheet HTML 2Page - Renesas Technology Corp HSG2004 Datasheet HTML 3Page - Renesas Technology Corp HSG2004 Datasheet HTML 4Page - Renesas Technology Corp HSG2004 Datasheet HTML 5Page - Renesas Technology Corp HSG2004 Datasheet HTML 6Page - Renesas Technology Corp HSG2004 Datasheet HTML 7Page - Renesas Technology Corp HSG2004 Datasheet HTML 8Page - Renesas Technology Corp HSG2004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.4.00 Jun 21, 2006 page 1 of 12
HSG2004
SiGe HBT
High Frequency Medium Power Amplifier
REJ03G0484-0400
Rev.4.00
Jun 21, 2006
Features
• High Transition Frequency
fT = 30 GHz typ.
• Low Distortion and Excellent Linearity
P1dB at output = +14.5 dBm typ. f = 5.8 GHz
• High Collector to Emitter Voltage
VCEO = 5 V
• Ideal for 2 GHz, 5 GHz Band applications. e.g. WLAN, Digital cordless phone.
Outline
Renesas Package code: PWQN0008ZA-A
(Package name: HWQFN-8 <TNP-8TV>)
1. Collector
2. Collector
3. Collector
4. Emitter
5. Emitter
6. Base
7. Emitter
8. Emitter
9. Emitter
1
3
7
6
5
2
4
8
9
1
3
7 6
5
2
4
8
9
2004
Note:
Marking is “2004”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
12
V
Collector to emitter voltage
VCEO
5
V
Emitter to base voltage
VEBO
1.2
V
Collector current
IC
200
mA
Collector power dissipation
Pc
1
Note
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
Value on PCB (40 x 40 x 1.0 mm)


Similar Part No. - HSG2004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
SiGe NPN Epitaxial High Frequency Medium Power Amplifier
HSG2001VF RENESAS-HSG2001VF Datasheet
253Kb / 25P
SiGe NPN Epitaxial High Frequency Medium Power Amplifier
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2002TB-E RENESAS-HSG2002TB-E Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2005 RENESAS-HSG2005 Datasheet
254Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
More results

Similar Description - HSG2004

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
SiGe HBT MMIC POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
3V HBT SiGe CDMA POWER AMPLIFIER MODULE
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
SiGe MMIC High Frequency Power Amplifier
HSG2001 RENESAS-HSG2001 Datasheet
253Kb / 25P
SiGe NPN Epitaxial High Frequency Medium Power Amplifier
HSG2002 RENESAS-HSG2002 Datasheet
357Kb / 25P
SiGe HBT High Frequency Medium Power Amplifier
HSG2005 RENESAS-HSG2005 Datasheet
254Kb / 13P
SiGe HBT High Frequency Medium Power Amplifier
logo
RF Micro Devices
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com