Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6411
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6411 Datasheet HTML 1Page - STMicroelectronics STV6411 Datasheet HTML 2Page - STMicroelectronics STV6411 Datasheet HTML 3Page - STMicroelectronics STV6411 Datasheet HTML 4Page - STMicroelectronics STV6411 Datasheet HTML 5Page - STMicroelectronics STV6411 Datasheet HTML 6Page - STMicroelectronics STV6411 Datasheet HTML 7Page - STMicroelectronics STV6411 Datasheet HTML 8Page - STMicroelectronics STV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STV6411A
AUDIO/VIDEO SWITCH MATRIX
December 1998
TQFP64 (10 x 10 x 1.4mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : STV6411AD
.
I
2C BUS CONTROL
.
STANDBY MODE
VIDEO SECTION
.
4 CVBS INPUTS, 3 CVBS OUTPUTS (ONE WITH
SELECTABLE CHROMA TRAP FILTER)
.
4 Y/C INPUTS, 2 Y/C OUTPUTS
.
6dB GAIN ON ALL CVBS/Y AND C OUTPUTS
.
1 Y/C ADDER
.
2 RGB/FB INPUTS, 1 RGB/FB OUTPUT WITH
6dB ADJUSTABLE GAIN
.
VIDEO MUTING ON ALL THE OUTPUTS
.
2 SLOW BLANKING INPUTS/OUTPUTS
.
SYNC BOTTOM CLAMP ON ALL CVBS/Y
AND RGB INPUTS, AVERAGE ON C INPUTS
.
BANDWIDTH : 15MHz
.
CROSSTALK : 60dB Typ.
AUDIO SECTION
.
4 STEREO INPUTS, 3 STEREO OUTPUTS
(TWO WITH LEVEL ADJUSTMENT)
.
MONO SOUND OUTPUT
.
STEREO TO MONO CAPABILITY ON BOTH
SCARTS
.
AUDIO MUTING ON ALL THE OUTPUTS
DESCRIPTION
The STV6411A is a highly integrated I2C bus-con-
trolled audio and video switch matrix, optimized for
use in digital set-top box applications. It provides all
the audio and video routings required in a full two
scart set-top box design. It is also fully pin compat-
ible with STV6410A, the three scart version.
1/20


Similar Part No. - STV6411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6410AD STMICROELECTRONICS-STV6410AD Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6412ADT STMICROELECTRONICS-STV6412ADT Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
More results

Similar Description - STV6411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
AUDIO/VIDEO SWITCH MATRIX
Dec-1998
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
AUDIO/VIDEO SWITCH MATRIX
Sep-2003
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
Audio/Video Switch Matrix
Feb-2004
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
BUS-CONTROLLED VIDEO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
VIDEO SWITCH MATRIX
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
Audio-Video Switch
logo
STMicroelectronics
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
Audio/video switch matrix
28-Jul-2008
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
Audio/video switch matrix
26-Jun-2008
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730_10 Datasheet
196Kb / 8P
Audio/Video Switch
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com