Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6411
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411 Datasheet(HTML) 3 Page - STMicroelectronics

  STV6411 Datasheet HTML 1Page - STMicroelectronics STV6411 Datasheet HTML 2Page - STMicroelectronics STV6411 Datasheet HTML 3Page - STMicroelectronics STV6411 Datasheet HTML 4Page - STMicroelectronics STV6411 Datasheet HTML 5Page - STMicroelectronics STV6411 Datasheet HTML 6Page - STMicroelectronics STV6411 Datasheet HTML 7Page - STMicroelectronics STV6411 Datasheet HTML 8Page - STMicroelectronics STV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Number
Symbol
Description
17
FBOUT_TV
Fast Blanking Output, to TV Scart
18
FBIN_VCR (see Note 1)
Fast Blanking Input, from VCR Scart
19
FBIN_ENC
Fast Blanking Input, from Encoder
20
ADD
I
2C Bus IC Address Programmation
21
SCL
I
2C Bus Clock
22
SDA
I
2C Bus Data
23
VCC12
Slow Blanking Power Supply (12V)
24
NC
Not Connected
25
SLB_TV
Slow Blanking Input/Ouput from TV
26
NC
Not Connected
27
SLB_VCR
Slow Blanking Input/Ouput from VCR
28
RIN_VCR (see Note 1)
Red Input, from VCR Scart
29
GNDV1
Video Switches Ground 1
30
GIN_VCR (see Note 1)
Green Input, from VCR Scart
31
NC
Not Connected
32
BIN_VCR (see Note 1)
Blue Input, from VCR Scart
33
VCCV1
Video Switches Supply 1 (8V)
34
CVBSIN_STB
CVBS Input from STB
35
NC
Not Connected
36
YCVBSIN_ENC
Y/CVBS Input from Encoder
37
NC
Not Connected
38
YIN_ENC
Y Input, from Encoder
39
RIN_STB
Audio Right Input, from STB
40
CIN_ENC
Chroma Input, from Encoder
41
LIN_STB
Audio Left Input, from STB
42
RCIN_ENC
Red/Chroma Input, from Encoder
43
RIN_ENC
Audio Right Input, from Encoder
44
GIN_ENC
Green Input, from Encoder
45
LIN_ENC
Audio Left Input, from Encoder
46
BIN_ENC
Blue Input, from Encoder
47
RIN_VCR
Audio Right Input, from VCR Scart
48
CIN_VCR
Chroma Input, from VCR Scart
49
LIN_VCR
Audio Left Input, from VCR
50
YCVBSIN_VCR
Y/CVBS Input from VCR Scart
51
VREF
Voltage Reference Decoupling
52
YCVBSIN_TV
Y/CVBS Input, from TV Scart
53
LIN_TV
Audio Left Input, from TV Scart
54
CIN_TV
Chroma Input, from TV Scart
55
VCCA
Audio Switches Supply (8V)
56
RIN_TV
Audio right input, from TV Scart
57
GNDA
Audio Switches Ground
58
ROUT_CINCH
Audio Right Output, to CINCH
59
LOUT_CINCH
Audio Left Output, to CINCH
60
ROUT_VCR
Audio Right Output, to VCR sCart
61
BOUT_TV
Blue Output, to TV Scart
62
LOUT_VCR
Audio Left Output, to VCR Scart
63
GOUT_TV
Green Output, to TV Scart
64
ROUT_TV
Audio Right Output, to TV Scart
Notes : 1. Pins (xx_VCR) identified as xx_AUX in STV6410A.
2. In application, all unused pins should be left open or high frequency bypassed to ground.
PIN LIST (continued)
STV6411A
3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com