Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV6411
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV6411 Datasheet HTML 9Page - STMicroelectronics STV6411 Datasheet HTML 10Page - STMicroelectronics STV6411 Datasheet HTML 11Page - STMicroelectronics STV6411 Datasheet HTML 12Page - STMicroelectronics STV6411 Datasheet HTML 13Page - STMicroelectronics STV6411 Datasheet HTML 14Page - STMicroelectronics STV6411 Datasheet HTML 15Page - STMicroelectronics STV6411 Datasheet HTML 16Page - STMicroelectronics STV6411 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
VCR Video Outputs
Reg.
Addr.
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
05
VCR Y/CVBS & Chroma
Outputs Selection
3
1
0
0
0
X
0
0
0
Y/CVBS & chroma muted
1
0
0
0
X
0
0
1
NOT ALLOWED
1
0
0
0
X
0
1
0
NOT ALLOWED
1
0
0
0
X
0
1
1
NOT ALLOWED
1
0
0
0
X
1
0
0
CVBS_ASTB & chroma muted
1
0
0
0
X
1
0
1
Y/CVBS_ENC & R/C_ENC
1
0
0
0
X
1
1
0
Y_ENC & C_ENC
1
0
0
0
X
1
1
1
Y/CVBS_TV & C_TV
VCR Chroma Output Muting
1
1
0
0
0
0
X
X
X
Chroma Output controlled by
d2d1d0 from register 05
1
X
X
X
1
X
X
X
Chroma Output forced to mute
Used in STV6410A.
For STV6411A applications
should be set to mute value
(X000XXXX).
3
X
0
0
0
X
X
X
X
Y/CVBS & chroma muted
X
0
0
1
X
X
X
X
NOT ALLOWED
X
0
1
0
X
X
X
X
NOT ALLOWED
X
0
1
1
X
X
X
X
NOT ALLOWED
X
1
0
0
X
X
X
X
NOT ALLOWED
X
1
0
1
X
X
X
X
NOT ALLOWED
X
1
1
0
X
X
X
X
NOT ALLOWED
X
1
1
1
X
X
X
X
NOT ALLOWED
Slow Blanking Switches
Reg.
Addr.
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
06
Slow Blanking TV SCART
2
X
X
0
0
X
X
0
0
Input mode
X
X
0
0
X
X
0
1
Output < 2V
X
X
0
0
X
X
1
0
Output 16/9 format
X
X
0
0
X
X
1
1
Output 4/3 format
Slow Blanking VCR SCART
2
X
X
0
0
0
0
X
X
Input mode
X
X
0
0
0
1
X
X
Output < 2V
X
X
0
0
1
0
X
X
Output 16/9 format
X
X
0
0
1
1
X
X
Output 4/3 format
Used in STV6410A.
For STV6411A applications
should be set to input mode
(XX00XXXX).
2
X
X
0
0
X
X
X
X
Input mode
X
X
0
1
X
X
X
X
NOT ALLOWED
X
X
1
0
X
X
X
X
NOT ALLOWED
X
X
1
1
X
X
X
X
NOT ALLOWED
I
2C BUS SELECTION (continued)
STV6411A
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com