Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6411
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411 Datasheet(HTML) 4 Page - STMicroelectronics

  STV6411 Datasheet HTML 1Page - STMicroelectronics STV6411 Datasheet HTML 2Page - STMicroelectronics STV6411 Datasheet HTML 3Page - STMicroelectronics STV6411 Datasheet HTML 4Page - STMicroelectronics STV6411 Datasheet HTML 5Page - STMicroelectronics STV6411 Datasheet HTML 6Page - STMicroelectronics STV6411 Datasheet HTML 7Page - STMicroelectronics STV6411 Datasheet HTML 8Page - STMicroelectronics STV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FB SWITCH
4V
0V
RGB SWITCH
C SWITCH
Y/CVBS SWITCH
C SWITCH
Y/CVBS SWITCH
VCR SWITCH
TV SWITCH
64
6dB
6dB
6dB
6dB
6dB
6dB
0/6dB
0/6dB
-14dB
0/6dB
-14dB
0/6dB
STEREO/
MONO
2
LOUT_TV
ROUT_TV
8
AOUT_RF
60
62
ROUT_VCR
LOUT_VCR
58
59 LOUT_CINCH
ROUT_CINCH
7
5
COUT_VCR
YCVBSOUT_VCR
25
27
SLOW BLANK,
I/O MONITOR
SLB_TV
SLB_VCR
3
YCVBS/OUT_TV
6dB
61
63
17
GOUT_TV
BOUT_TV
FBOUT_TV
1
RCOUT_TV
9
VOUT_RF
11 FILTER
TRAP
B_ENC
B_VCR
B_ENC
G_ENC
G_VCR
R/C_ENC
R_VCR
MUTE
R/C_ENC
C_ENC
C_VCR
MUTE
MUTE
MUTE
MUTE
MUTE
MUTE
Y_ENC
CVBS_STB
CVBS/Y_VCR
CVBS/Y_ENC
L_ENC
L_STB
L_VCR
R_ENC
R_STB
R_VCR
L_ENC
L_STB
L_TV
R_ENC
R_STB
R_TV
R/C_ENC
C_ENC
C_TV
CVBS/Y_TV
CVBS_STB
CVBS/Y_ENC
Y_ENC
43
39
56
47
53
49
45
41
38
34
52
50
36
54
48
40
42
28
30
44
46
32
18
19
FBIN_ENC
FBIN_VCR
(see Note 1)
BIN_ENC
BIN_VCR
(see Note 1)
GIN_ENC
GIN_VCR
(see Note 1)
RCIN_ENC
RIN_VCR
(see Note 1)
CIN_ENC
CIN_VCR
CIN_TV
YCVBSIN_ENC
YCVBSIN_VCR
CVBSIN_STB
YCVBSIN_TV
YIN_ENC
LIN_ENC
LIN_STB
LIN_TV
LIN_VCR
RIN_ENC
RIN_STB
RIN_TV
RIN_VCR
STV6411A
STEREO/
MONO
I2C BUS
DECODER
SCL
SDA
21
22
Note 1 : Pins (xx_VCR) identified as xx_AUX in STV6410A.
BLOCK DIAGRAM
STV6411A
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com