Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7617D
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7617D Datasheet HTML 3Page - STMicroelectronics STV7617D Datasheet HTML 4Page - STMicroelectronics STV7617D Datasheet HTML 5Page - STMicroelectronics STV7617D Datasheet HTML 6Page - STMicroelectronics STV7617D Datasheet HTML 7Page - STMicroelectronics STV7617D Datasheet HTML 8Page - STMicroelectronics STV7617D Datasheet HTML 9Page - STMicroelectronics STV7617D Datasheet HTML 10Page - STMicroelectronics STV7617D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STV7617, STV7617D, STV7617U
7/17
BLOCK DIAGRAM
CIRCUIT DESCRIPTION
The STV7617 contains all the logic and the power
circuits necessary to drive rows of a Plasma Dis-
play Panel (PDP). Data is shifted at each low to
high transition of the (CLK) shift clock. After 64 or
65 shifts (depending on SEL) the first bit presented
at (SIN) is available at the serial output (SOUT).
This output can be used to cascade several driv-
ers to perform any vertical resolution. CLK, STB,
SIN and SOUT inputs are Smith trigger inputs.
BLK and HIZ logical inputs are internally pulled to
level ”1”. The maximum frequency of the shift
clock is 8 MHz.
Shift register outputs (P1, ... P65) are transferred
from the shift register into the latch stage when the
latch input (STB) is at low level.
Table 1 : Output State Configuration
Sustain current must not be sunk in the power out-
puts to VPP when the power supply is applied and
output state is in HIZ or at high state. VSSSUB and
VSSLOG must be connected as close as possible to
the logical reference ground of the application.
Table 2 : Shift Register Truth Table
Table 3 : Power Output Configuration
P1
P65
LATCH
Q1
Q65
Q2
Q64
S65
S1
V
SSP
V
PP
V
CC
V
SSL OG
SOUT (SIN)
SIN (SOUT)
STB
BLK
HIZ
OUT1
OUT65
STV7617
CLK
V
PP
V
SSP
V
PP
V
SSP
V
CC
V
CC
V
SSS UB
OUT64
65-BIT SHIFT REGISTER
SEL
F/R
SWITCH
STB
BLK
HIZ
Outp ut State
*
L
L
High impedance
LL
H
Inverted copy of input
data
H
L
H
Data latched
*
H
L
Low level
*
H
H
High Level
F/R
CLK
SIN
SOUT
Comments
H
Rise
In
Out
Forward Shift
H
L or H
In
Out
Steady
L
Rise
Out
In
Reverse Shift
L
L or H
Out
In
Steady
SEL
F/R
Number of
Outpu ts
Comments
LL
64
Out 1 is in Hi-Z mode (out-
puts 65 to 2 powered)
LH
64
Out 65 is in Hi-Z mode (out-
puts 1 to 64 powered)
H
L
65
Out 65 to Out 1 powered
H
H
65
Out 1 to Out 65 powered
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com