Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7617D
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7617D Datasheet HTML 6Page - STMicroelectronics STV7617D Datasheet HTML 7Page - STMicroelectronics STV7617D Datasheet HTML 8Page - STMicroelectronics STV7617D Datasheet HTML 9Page - STMicroelectronics STV7617D Datasheet HTML 10Page - STMicroelectronics STV7617D Datasheet HTML 11Page - STMicroelectronics STV7617D Datasheet HTML 12Page - STMicroelectronics STV7617D Datasheet HTML 13Page - STMicroelectronics STV7617D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
STV7617, STV7617D, STV7617U
10/17
AC TIMING REQUIREMENTS
(VCC = 4.5 V to 5.5 V, Tamb = -20 to +85°C, input signals max leading edge & trailing edge (tR,tF) = 10 ns)
AC TIMING CHARACTERISTICS
(VCC =5 V, VPP =90 V, VSSP =0 V, VSSLOG =0 V, VSSSUB =0 V, Tamb =25°C, VILMax. = 0.2 Vcc,
VIHMin. =0.8 VCC,VOH = 4.0 V, VOL = 0.4 V, unless otherwise specified)
Note 9 See test diagram page 12.
Note 10 One output among 64, loading capacitor COUT = 200pF, other outputs at low level.
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWHCLK
Duration of clock (CLK) pulse at high level
40
-
-
ns
tWLCLK
Duration of clock (CLK) pulse at low level
40
-
-
ns
tSDAT
Set-up Time of data input before clock (low to high) transition
10
-
-
ns
tHDAT
Hold Time of data input after clock (low to high) transition
20
-
-
ns
tDSTB
Minimum Delay to latch STB after clock (low to high) transition
25
-
-
ns
tSSTB
Set-up Time STB before clock (low to high) transition
10
-
-
ns
tSTB
Latch STB Low Level Pulse Duration
20
-
-
ns
tBLK
Blanking (BLK) Pulse Duration
500
-
-
ns
tHIZ
High Impedance HIZ Pulse Duration
500
-
-
ns
Symbol
Parameter
Min. Typ. Max. Unit
tCLK
Data Clock Period
125
-
-
ns
tRDAT Logical Data Output Rise Time
-
12
20
ns
tFDAT
Logical Data Output Fall Time
-
10
20
ns
tPHL1
tPLH1
Delay of logic data output (high to low transition) after clock (CLK) transition
(CL=10pF)
Delay of logic data output (low to high transition) after clock (CLK) transition
(CL=10 pF)
-
-
37
42
50
60
ns
ns
tPHL2
tPLH2
Delay of power output change (high to low transition) after clock (CLK) transition
Delay of power output change (low to high transition) after clock (CLK) transition
-
-
110
115
180
180
ns
ns
tPHL3
tPLH3
Delay of power output change (high to low transition) after Latch (STB) transition
Delay of power output change (low to high transition) after Latch (STB) transition
-
-
80
95
165
165
ns
ns
tPHL4
tPLH4
Delay of power output change (high to low transition) to blank (BLK) transition
Delay of power output change (low to high transition) to blank (BLK) transition
-
-
75
75
160
160
ns
ns
tPHZ5
tPLZ5
Delay of power output change (high to Hi-Z transition) after high impedance (HIZ)(9)
Delay of power output change (low to Hi-Z transition) after high impedance (HIZ)(9)
-
-
40
80
160
160
ns
ns
tPZH5
tPZL5
Delay of power output change (Hi-Z to high transition) after high impedance (HIZ) (9)
Delay of power output change (Hi-Z to low transition) after high impedance (HIZ) (9)
-
-
75
40
160
160
ns
ns
tROUT Power Output Rise Time (10)
-
175
350
ns
tFOUT Power Output Fall Time (10)
-
35
150
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com