Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV7617D
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV7617D Datasheet HTML 2Page - STMicroelectronics STV7617D Datasheet HTML 3Page - STMicroelectronics STV7617D Datasheet HTML 4Page - STMicroelectronics STV7617D Datasheet HTML 5Page - STMicroelectronics STV7617D Datasheet HTML 6Page - STMicroelectronics STV7617D Datasheet HTML 7Page - STMicroelectronics STV7617D Datasheet HTML 8Page - STMicroelectronics STV7617D Datasheet HTML 9Page - STMicroelectronics STV7617D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
STV7617, STV7617D, STV7617U
6/17
PIN ASSIGNMENT
(TQFP100)
PIN ASSIGNMENT (Power Outputs)
Pin Number
Symbol
Type
Function
TQFP100 Slug-up
TQFP100 Slug-dow n/
TQFP100 No slug
88
88
VCC
Supply
5 V Logic Supply
34-35-41-42
78-79-97-98
34-35-41-42
78-79-97-98
VPP
Supply
High Voltage Supply of power outputs
30-31-44-45
46-81-82-94-95
30-31-32-45
46-81-82-94-95
VSSP
Ground
Ground of power outputs
83-93
83-93
VSSLOG
Ground
Logic Ground
32
44
VSSSUB
Ground
Substrate Ground
77 to 48, 40 to 36,
28 to 1, 100-99
99-100, 1 to 28,
36 to 40, 48 to 77
OUT1 to OUT 65
Output
Power Output
91
85
SOUT (SIN)
Output
Shift Register Data Output
90
86
CLK
Input
Clock of data shift register
89
87
Input
Latch of data to outputs
87
89
BLK
Input
Power Output Blanking Control
86
90
Input
Power Output High Impedance Control
85
91
SIN (SOUT)
Input
Shift Register Data Input
84
92
SEL
Input
Selection of number of power outputs
92
84
F/
Input
Selection of shift direction
29-33-43-47-80-96
29-33-43-47-80-96
NC
-
Not connected
ST B
HI Z
R
Outp ut
Number
Pin Number
Output
Number
Pin Number
Output
Number
Pin Number
Slug-dow n/
No slug
Slug-u p
Slug-do wn/
No slug
Slug -up
Slug -dow n/
No slug
Slug-up
1
7799
23
5521
45
19
57
2
76
100
24
54
22
46
18
58
3
75
1
25
53
23
47
17
59
4
74
2
26
52
24
48
16
60
5
73
3
27
51
25
49
15
61
6
72
4
28
50
26
50
14
62
7
71
5
29
49
27
51
13
63
8
70
6
30
48
28
52
12
64
9
69
7
31
40
36
53
11
65
10
68
8
32
39
37
54
10
66
11
67
9
33
38
38
55
9
67
12
66
10
34
37
39
56
8
68
13
65
11
35
36
40
57
7
69
14
64
12
36
28
48
58
6
70
15
63
13
37
27
49
59
5
71
16
62
14
38
26
50
60
4
72
17
61
15
39
25
51
61
3
73
18
60
18
40
24
52
62
2
74
19
59
17
41
23
53
63
1
75
20
58
18
42
22
54
64
100
76
21
57
19
43
21
55
65
99
77
22
56
20
44
20
56
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com