Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7617D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7617D
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7617D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7617D Datasheet HTML 5Page - STMicroelectronics STV7617D Datasheet HTML 6Page - STMicroelectronics STV7617D Datasheet HTML 7Page - STMicroelectronics STV7617D Datasheet HTML 8Page - STMicroelectronics STV7617D Datasheet HTML 9Page - STMicroelectronics STV7617D Datasheet HTML 10Page - STMicroelectronics STV7617D Datasheet HTML 11Page - STMicroelectronics STV7617D Datasheet HTML 12Page - STMicroelectronics STV7617D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STV7617, STV7617D, STV7617U
9/17
ELECTRICAL CHARACTERISTICS
(VCC =5 V, VPP =90 V, VSSP =0 V, VSSLOG =0 V, VSSSUB =0 V, Tamb =25°C, fCLK = 8 MHz, unless
otherwise specified)
Note 6 Peak current - Pulse mode 720 Hz - 0.2%. Duty cycle - VCC = 5.5 V ± 0.2 V.
Note 7 Compatible with power dissipation and Tjoper ≤ 125°C.
Note 8 See test diagram page 12.
Symbol
Parameter
Test Condi tions
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Logic Supply Voltage
4.5
5
5.5
V
ICCH
Logic Supply Current
-
-
100
µA
ICCL
Logic Supply Current
fCLK = 8 MHz
-5
-
mA
VPP
Power Output Supply Voltage
20
-
90
V
IPPH
Power Output Supply Current
(steady outputs)
--
100
µA
OUTPUT
OUT1-OUT65
VPOUTH
Power Output High Level
IPOUTH =-20 mA
83
86
-
V
VPOUTH
Power Output High Level
IPOUTH = - 15mA, VPP =40 V
30
33
-
V
VPOUTL
Power Output Low Level
IPOUTL = + 400 mA
-
2.5
5
V
VPOUTL-P
Power Output Low Level-pulsed mode
IPOUTL-P = 850 mA (6)
-
-
15
V
VDOUTH
Output Diode High Level
IDOUTH = +400 mA (7) (8)
-
1.7
5
V
VDOUTL
Output Diode Low Level
IDOUTL = - 400 mA (7)(8)
-
-1.2
-5
V
SOUT
VOH
Logic Output High Level
IOH =-1 mA
4
4.2
-
V
VOL
Logic Output Low Level
IOL =+1 mA
-
0.1
0.4
V
INPUT (CLK, STB, BLK, HIZ, SIN, SEL)
VIH
Input High Level
0.8 VCC
--
V
VIL
Input Low Level
-
-
0.2VCC
V
IIH
High Level Input Current
VIH =VCC
--
10
µA
IIL
Low Level Input Current
CLK, SIN, STB, SEL,
BLK, HIZ
VIL =0 V
-
-
-
-
-10
-40
µA
µA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com