Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802XCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5802XCPZ-R7
Description  Dual Channel High-IP3 100MHz-6GHz Active Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802XCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5802XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADL5802
Preliminary Technical Data
REV. PrA | Page 4 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
Mnemonic
Function
1,2,5,8,14,
17,18, 21
GND
Device Common (DC Ground).
3,4
OP1+, OP1-
Channel 1Mixer differential output terminals. Need to apply bias through pull-up choke inductors or center
tap of the IF transfomer.
6, 13, 24
VPOS
Positive Supply Voltage. 5.0V Nominal
7
ENBL
Device Enable. Pull low to enable the device, pull high to disable.
9, 10
LOIP, LOIN
Differential LO input terminals. Internally matched to 50
Ω. Must be ac-coupled.
12
VSET
High IP3 bias control. For high IP3 performance apply ~4V. Improved NF performance and lower supply
current can be set by applying ~2V – 3V to the VSET pin. A resistor can be connected to the supply to raise
the voltage while a resistor to GND will lower the voltage.
15, 16
OP2+, OP2-
Channel 2 Mixer differential output terminals. Need to apply bias through pull-up choke inductors or center
tap of the IF transfomer.
19. 20
RF2+, RF2-
Differential RF input terminals for channel 2. Internally matched to 50
Ω. Must be ac-coupled.
22, 23
RF1+, RF1-
Differential RF input terminals for channel 1. Internally matched to 50
Ω. Must be ac-coupled.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com