Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802XCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5802XCPZ-R7
Description  Dual Channel High-IP3 100MHz-6GHz Active Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802XCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5802XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Channel High-IP3
100MHz – 6GHz Active Mixer
Preliminary Technical Data
ADL5802
REV. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual Channel Up/Down Converter
Power Conversion Gain of 1.5dB
Wideband RF, LO, and IF ports
SSB Noise Figure of 11dB
SSB NF with +10dBm blocker of 20dB
Input IP3 of 27dBm
Input P1dB of 12 dBm
Typical LO Drive of 0 dBm
-40dBm LO Leakage at RF
Low Current Operation: 5 V @ 200 mA
Adjustable Bias for Low Power Operation
Exposed Paddle 4 x 4 mm, 24 Lead LFCSP Package
APPLICATIONS
Cellular Base Station Receivers
Main and Diversity Receiver Designs
Radio Link Downconverters
GENERAL DESCRIPTION
The ADL5802 utilizes high linearity doubly balanced active
mixer cores with integrated LO buffer amplifiers to provide
high dynamic range frequency conversion from 100MHz to
6GHz. The mixers benefit from a proprietary linearization
architecture which provides enhanced IP3 performance when
subject to high input levels. A bias adjust feature allows the
input linearity, SSB Noise Figure, and DC current to be
optimized using a single control pin. The high input linearity
allows the device to be used in demanding cellular applications
where in-band blocking signals may otherwise result in
degradation in dynamic performance. The balanced active
mixer arrangement provides superb LO to RF and LO to IF
leakage, typically better than -40dBm. The IF outputs are
internally terminated to a 200-Ω source impedance and provide
a typical voltage conversion gain of 7.5 dB when loaded into a
200-Ω load.
Figure 1. Functional Block Diagram
The ADL5802 is fabricated using a SiGe high performance IC
process. The device is available in a compact 4mm x 4mm 24-
lead LFCSP package and operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - ADL5802XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802-EVALZ AD-ADL5802-EVALZ Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802ACPZ-R7 AD-ADL5802ACPZ-R7 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
More results

Similar Description - ADL5802XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8343 AD-AD8343 Datasheet
394Kb / 27P
DC-to-2.5 GHz High IP3 Active Mixer
REV.0
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
SYNERGY MICROWAVE CORPO...
SFM-2-02 SYNERGY-SFM-2-02 Datasheet
316Kb / 3P
MESFET HIGH IP3 MIXER
logo
Analog Devices
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
DC-to-2.5 GHz High IP3 Active Mixer
REV. B
logo
Linear Technology
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
LTC5510 LINER-LTC5510 Datasheet
617Kb / 30P
1MHz to 6GHz Wideband High Linearity Active Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com