Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802XCPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5802XCPZ-R7
Description  Dual Channel High-IP3 100MHz-6GHz Active Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802XCPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5802XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADL5802
Preliminary Technical Data
REV. PrA | Page 2 of 8
ADL5802—Specifications
Table 1. VS = 5 V, TA = 25°C, fRF = 900 MHz, fLO = 703 MHz, LO power = 0 dBm, Zo = 50Ω, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20dB over a limited bandwidth
12
dB
Input Impedance
50
Ω
RF Frequency Range
100
6000
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
200
Ω
IF Frequency Range
Can be matched externally to 3000MHz
LF
600
MHz
DC Bias Voltage1
4.75
VS
5.25
V
LO INTERFACE
LO Power
-6
0
+6
dBm
Return Loss
12
dB
Input Impedance
50
Ω
LO Frequency Range
100
6000
MHz
DYNAMIC PERFORMANCE
Power Conversion Gain
Excluding Transformer and PCB Losses
1.5
dB
Voltage Conversion Gain
ZSOURCE = 50
Ω, Differential Z
LOAD
= 200
Ω
Differential
7.5
dB
SSB Noise Figure
11
dB
SSB Noise Figure Under-Blocking
+10dBm Blocker present +/-3MHz from wanted
RF input, LO source filtered
20
dB
Input Third Order Intercept
fRF1 = 889 MHz, fRF2 = 890 MHz, fLO = 690 MHz,
each RF tone at -10 dBm
27
dBm
Input Second Order Intercept
fRF1 = 889 MHz, fRF2 = 890 MHz, fLO = 690 MHz,
each RF tone at -10 dBm
56
dBm
Input 1 dB Compression Point
12
dBm
LO to IF Output Leakage
Unfiltered IF Output
-65
dBm
LO to RF Input Leakage
-40
dBm
RF to IF Output Isolation
Unfiltered IF Output
-28
dB
RFI1 to RFI2 Channel Isolation
50
dB
IF/2 Spurious
-10 dBm Input Power
-65
dBc
POWER INTERFACE
Supply Voltage
5
V
Quiescent Current
Resistor Programmable
200
mA
Disable Current
ENBL pin low.
160
mA
1 Supply voltage should be applied from external circuit through choke inductors or IF Transformer center tap.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com