Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5802XCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5802XCPZ-R7
Description  Dual Channel High-IP3 100MHz-6GHz Active Mixer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5802XCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5802XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5802XCPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADL5802
REV. PrA | Page 5 of 8
TYPICAL PERFORMANCE CHARACTERISTICS–PRELIMINARY DATA
VS = 5 V, TA = 25°C, as measured using typical circuit schematic with low-side LO unless otherwise noted
-2
-1
0
1
2
3
4
500
1000
1500
2000
2500
3000
3500
4000
RF Frequency (MHz)
VSET_3 V
VSET_3.5 V
VSET_4 V
Figure 3. Conversion Gain versus RF Frequency
0
5
10
15
20
25
30
35
40
500
1000
1500
2000
2500
3000
3500
4000
RF Frequency (MHz)
VSET_3 V
VSET_3.5 V
VSET_4 V
Figure 4. IIP3 versus RF Frequency
0
2
4
6
8
10
12
14
16
500
1000
1500
2000
2500
3000
3500
4000
RF Frequency (MHz)
VSET_3 V
VSET_3.5 V
VSET_4 V
Figure 5. IP1dB versus RF Frequency
0
2
4
6
8
10
12
14
16
18
20
500
1000
1500
2000
2500
3000
3500
4000
RF Frequency (MHz)
Iset = 3.0V
Iset = 3.5V
Iset = 4.0V
Figure 6. Single-Sideband NF versus RF Frequency
0
5
10
15
20
25
-20
-15
-10
-5
0
5
10
Blocker Level(dBm)
2.5V
3V
3.5V
4V
Poly. (4V)
Poly. (3.5V)
Poly. (3V)
Poly. (2.5V)
Figure 7. Single-Sideband NF versus Blocker Level at 1950MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
300
800
1300
1800
2300
2800
3300
3800
LO Frequency (MHz)
VSET_3 V
VSET_3.5 V
VSET_4 V
Figure 8. LO to RF Leakage versus LO Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com